Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0877051053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0877051053
Description  1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 3.66mm (.144") TailLength, Beige Latches, with Beveled Metal Pins, 240 Circuits, Lead-Free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877051053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0877051053 Datasheet HTML 1Page - Molex Electronics Ltd. 0877051053 Datasheet HTML 2Page - Molex Electronics Ltd. 0877051053 Datasheet HTML 3Page - Molex Electronics Ltd. 0877051053 Datasheet HTML 4Page - Molex Electronics Ltd. 0877051053 Datasheet HTML 5Page - Molex Electronics Ltd. 0877051053 Datasheet HTML 6Page - Molex Electronics Ltd. 0877051053 Datasheet HTML 7Page - Molex Electronics Ltd. 0877051053 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877051053
Status:
Active
Description:
1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 3.66mm (.144") Tail
Length, Beige Latches, with Beveled Metal Pins, 240 Circuits, Lead-Free
Documents:
3D Model
Product Specification PS-87705-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
87705
Comments
<LI>Latches in Beige Color
Component Type
Socket
JEDEC Outline
MO-237
Product Name
DDR2 DIMM
Physical
Circuits (Loaded)
240
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.144 In
PC Tail Length (mm)
3.66 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
30V
Voltage Key
1.8V, Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87705Series
Mates With
JEDEC standard 1.27mm modules


Similar Part No. - 0877051053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877051053 MOLEX11-0877051053 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-II DIMM Socket, Vertical, Center Keys
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com