Electronic Components Datasheet Search |
|
RN5RL41AA-T2 Datasheet(PDF) 7 Page - RICOH electronics devices division |
|
RN5RL41AA-T2 Datasheet(HTML) 7 Page - RICOH electronics devices division |
7 / 18 page R ×5RL 6 • R ×5RL50A Topt=25˚C • R ×5RL40A Topt=25˚C Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage ∆VOUT Output Voltage ∆Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=6.0V 3.900 4.000 4.100 V 10µA ≤IOUT≤10mA VIN=6.0V 45 65 mA VIN=6.0V 1mA ≤IOUT≤65mA 50 75 mV IOUT=1mA 25 38 mV VIN=6.0V 1.2 3.6 µA IOUT=1mA VOUT+0.5V ≤VIN≤10V 0.05 0.2 %/V 10 V IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage ∆VOUT Output Voltage ∆Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=7.0V 4.875 5.000 5.125 V 10µA ≤IOUT≤10mA VIN=7.0V 55 80 mA VIN=7.0V 1mA ≤IOUT≤80mA 60 90 mV IOUT=1mA 25 38 mV VIN=7.0V 1.3 3.9 µA IOUT=1mA VOUT+0.5V ≤VIN≤10V 0.05 0.2 %/V 10 V IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C |
Similar Part No. - RN5RL41AA-T2 |
|
Similar Description - RN5RL41AA-T2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |