Electronic Components Datasheet Search |
|
0791081018 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0791081018 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0791081018 Status: Active Overview: milligrid Description: 2.00mm (.079") Pitch Milli-Grid™ Flex-to-Board Vertical Receptacle Dual Row Through- Hole, 0.38µm (15µ") Gold (Au) Selective Plating, 38 Circuits, Leadfree Documents: 3D Model Product Specification PS-79107 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family FFC/FPC Connectors Series 79108 Overview milligrid Product Name Milli-Grid™ Physical Circuits (Loaded) 38 Color - Resin Black Contact Position Top Durability (mating cycles max) 50 Entry Angle 90° Angle Flammability 94V-0 Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.050 In PC Tail Length (mm) 1.27 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.024 In PCB Thickness Recommended (mm) 0.60 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Plating min: Mating (µin) 15 Plating min: Mating (µm) 0.375 Plating min: Termination (µin) 75 Plating min: Termination (µm) 1.875 Polarized to PCB No Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole Wire/Cable Type FFC/FPC Electrical Current - Maximum per Contact 1A Voltage - Maximum 125V Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 79108Series Mates With 87833 , 87832 , 87831 , 87758 , 87759 , 87760 |
Similar Part No. - 0791081018 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |