Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0791081019 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0791081019
Description  2.00mm (.079") Pitch Milli-Grid??Flex-to-Board Vertical Receptacle Dual Row Through-Hole, 0.38關m (15關") Gold (Au) Selective Plating, 40 Circuits, Leadfree
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0791081019 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0791081019 Datasheet HTML 1Page - Molex Electronics Ltd. 0791081019 Datasheet HTML 2Page - Molex Electronics Ltd. 0791081019 Datasheet HTML 3Page - Molex Electronics Ltd. 0791081019 Datasheet HTML 4Page - Molex Electronics Ltd. 0791081019 Datasheet HTML 5Page - Molex Electronics Ltd. 0791081019 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0791081019
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Flex-to-Board Vertical Receptacle Dual Row Through-
Hole, 0.38µm (15µ") Gold (Au) Selective Plating, 40 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-79107 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
79108
Overview
milligrid
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
40
Color - Resin
Black
Contact Position
Top
Durability (mating cycles max)
50
Entry Angle
90° Angle
Flammability
94V-0
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.050 In
PC Tail Length (mm)
1.27 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.024 In
PCB Thickness Recommended (mm)
0.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.375
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
79108Series
Mates With
87833 , 87832 , 87831 , 87758 , 87759 ,
87760


Similar Part No. - 0791081019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791081010 MOLEX9-0791081010 Datasheet
304Kb / 6P
   2.00mm (.079") Pitch Milli-Grid??Flex-to-Board Vertical Receptacle Dual Row ThroughHole, 0.38關m (15關") Gold (Au) Selective Plating, 22 Circuits, Leadfree
0791081011 MOLEX9-0791081011 Datasheet
304Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Flex-to-Board Vertical Receptacle Dual Row Through-Hole, 0.38關m (15關) Gold (Au) Selective Plating, 24 Circuits, Leadfree
0791081011 MOLEX1-0791081011_17 Datasheet
33Kb / 2P
   Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.38關m Gold (Au) Selective
0791081012 MOLEX9-0791081012 Datasheet
304Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Flex-to-Board Vertical Receptacle Dual Row Through-Hole, 0.38關m (15關) Gold (Au) Selective Plating, 26 Circuits, Leadfree
0791081012 MOLEX1-0791081012_17 Datasheet
33Kb / 2P
   Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.38關m Gold (Au) Selective
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com