Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876313020 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0876313020
Description  6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PSP Header, Through Hole, Right Angle, Long Contacts, 18 Circuits, Power Alpha 1,
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876313020 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0876313020 Datasheet HTML 1Page - Molex Electronics Ltd. 0876313020 Datasheet HTML 2Page - Molex Electronics Ltd. 0876313020 Datasheet HTML 3Page - Molex Electronics Ltd. 0876313020 Datasheet HTML 4Page - Molex Electronics Ltd. 0876313020 Datasheet HTML 5Page - Molex Electronics Ltd. 0876313020 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 0876313020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876313024 MOLEX9-0876313024 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Long Contacts, 14 Circuits
0876313028 MOLEX9-0876313028 Datasheet
451Kb / 6P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Long Contacts, 28 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com