Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76091-5002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 76091-5002
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2Inner Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

76091-5002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  76091-5002 Datasheet HTML 1Page - Molex Electronics Ltd. 76091-5002 Datasheet HTML 2Page - Molex Electronics Ltd. 76091-5002 Datasheet HTML 3Page - Molex Electronics Ltd. 76091-5002 Datasheet HTML 4Page - Molex Electronics Ltd. 76091-5002 Datasheet HTML 5Page - Molex Electronics Ltd. 76091-5002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Plating min: Termination (µm)
0.76
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
4
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shield Type
EMI Gasket
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-75714-001
Sales Drawing
SD-76091-001
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 76091-5002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76091-0003 MOLEX9-76091-0003 Datasheet
584Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Inner Lightpipe Ports
More results

Similar Description - 76091-5002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760905002 MOLEX1-0760905002_17 Datasheet
52Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 2Inner Lightpipe Ports, Elastomeric Gasket, 40 Circuits, Tin (Sn) Tails
0760915001 MOLEX1-0760915001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760915001 MOLEX9-0760915001 Datasheet
587Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760915003 MOLEX1-0760915003_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760915002 MOLEX1-0760915002_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Inner Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760915003 MOLEX9-0760915003 Datasheet
587Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0761015001 MOLEX1-0761015001_17 Datasheet
36Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760910001 MOLEX9-0760910001 Datasheet
584Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn)/Lead(Pb) Tails
0760910002 MOLEX9-0760910002 Datasheet
584Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn)/Lead(Pb) Tails
0760935001 MOLEX1-0760935001_17 Datasheet
41Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com