Electronic Components Datasheet Search |
|
0850039007 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0850039007 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0850039007 Status: Active Overview: din_41612 Description: 2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.80µm (32µ") Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips, No Flux Proof, Lead free Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Backplane Connectors Series 85003 Application Backplane Comments No Mounting Clips. No Flux Proof. 5.4mm(.213") First- Mate-Last-BreakContacts. 4.8mm(.189") Normal Contacts Component Type PCB Header Overview din_41612 Product Name IEC 603-2/DIN 41612 Style C Physical Circuits (Loaded) 64 Circuits (maximum) 96 Circuits Detail Standard Contacts at: A:a17-a18; C:c8,c14,c17,c19,c26. First-Mate- Last-Break Contacts at: X:c1-c7,c9-c13,c15,c16,c18,c20-c25,c27-c32; Z:a1- a16,a19-a32 Color - Resin Gray Durability (mating cycles max) 400 First Mate / Last Break Yes Flammability 94V-0 Guide to Mating Part No Keying to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Number of Columns 16 Number of Pairs Open Pin Field Number of Rows 3 Orientation Right Angle PC Tail Length (in) 0.118 In PC Tail Length (mm) 3.00 mm PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Carton Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 85003Series |
Similar Part No. - 0850039007 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |