Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876674004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876674004
Description  6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-PbHeader, Through Hole, Right Angle, Screw Mount, Long Blade, 20 Circuits, Signal 16,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876674004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876674004 Datasheet HTML 1Page - Molex Electronics Ltd. 0876674004 Datasheet HTML 2Page - Molex Electronics Ltd. 0876674004 Datasheet HTML 3Page - Molex Electronics Ltd. 0876674004 Datasheet HTML 4Page - Molex Electronics Ltd. 0876674004 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876674004
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus™ S-Pb
Header, Through Hole, Right Angle, Screw Mount, Long Blade, 20 Circuits, Signal 16,
Power Beta 4, Recessed Signal Pin A1, Lead-free
Documents:
3D Model
Product Specification PS-87631-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87667
Application
Board-to-Board
Comments
<LI>Long Blade|<LI>Recessed Signal Pin: A1
Overview
extreme_powerplus_ssi
Product Literature Order No
987650-3002
Product Name
EXTreme PowerPlus™
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits Detail
Signal 16|Power Beta 4
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
Yes
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm
Pitch - Term. Interface (in)
0.100 In, 0.125 In, 0.250 In
Pitch - Term. Interface (mm)
2.54 mm, 3.18 mm, 6.35 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87667Series
Mates With
87668 EXTreme PowerPlus™ S-Pb
Receptacles with Beveled Metal Pins. 87710
EXTreme PowerPlus™ S-Pb Receptacles
with Press-fit PC Tail


Similar Part No. - 0876674004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876674002 MOLEX9-0876674002 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Short Blade, 30 Circuits, Signal 24
0876674005 MOLEX9-0876674005 Datasheet
293Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-PbHeader, Through Hole, Right Angle, Screw Mount, Long Blade, 30 Circuits, Signal 24,
0876674006 MOLEX9-0876674006 Datasheet
294Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-Pb Header
0876674007 MOLEX9-0876674007 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Long Blade, 34 Circuits
0876674008 MOLEX9-0876674008 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Long Blade, 32 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com