Electronic Components Datasheet Search |
|
75757-0251 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
75757-0251 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0757570251 Status: Active Overview: mx150_unshrouded_breakaway_header Description: 3.50mm (.138") Pitch, MX150™ Header, Breakaway, Vertical, 5 Circuits, 1.25µm (50µ") Nickel (Ni) Overall, 2.50µm (100µ") Minimum Select Matte Tin (Sn) Plating on Tail, 0.05µm Minimum Select Gold (Au) Contact Area, 11.20mm (.440") Mating Pin Length, 3.05m (.120") PC Tail Length Documents: Drawing (PDF) Packaging Specification (PDF) 3D Model Product Specification PS-75757-000 (PDF) Application Specification (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 75757 Application Wire-to-Board Overview mx150_unshrouded_breakaway_header Product Name MX150™ Physical Breakaway Yes Circuits (Loaded) 5 Circuits (maximum) 5 Circuits Detail 5 Color - Resin Black Durability (mating cycles max) 25 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part None Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.120 In PC Tail Length (mm) 3.05 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.57 mm Packaging Type Tube Pitch - Mating Interface (in) 0.138 In Pitch - Mating Interface (mm) 3.50 mm Pitch - Term. Interface (in) 0.138 In Pitch - Term. Interface (mm) 3.50 mm Plating min: Mating (µin) 2 Plating min: Mating (µm) 0.05 Polarized to Mating Part No Polarized to PCB No Shrouded No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +125°C Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 75757Series Mates With 33471 Single Row MX150™ Receptacles. 33472 Dual Row MX150™ Receptacles |
Similar Part No. - 75757-0251 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |