Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78197-1001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 78197-1001
Description  5.40mm (.213") Pitch Projector Lamp Plug Housing, 2 Circuits, Lead free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

78197-1001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  78197-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 78197-1001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0781971001
Status:
Active
Overview:
projector_lamp_connector
Description:
5.40mm (.213") Pitch Projector Lamp Plug Housing, 2 Circuits, Lead free
Documents:
3D Model
Product Specification PS-78196-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
78197
Overview
projector_lamp_connector
Product Name
DLP*
Physical
Circuits (maximum)
2
Flammability
94V-0
Gender
Plug
Glow-Wire Compliant
No
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.213 In
Pitch - Mating Interface (mm)
5.40 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20°C TO +150°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Product Specification
PS-78196-001
Sales Drawing
SD-78197-002
* DLP is a registered trademark of Texas Instruments Incorporated
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78197Series
Mates With
781961001 Receptacle Housing
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 78197-1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7819 ETC2-7819 Datasheet
515Kb / 1P
   QUICK-FIT TERMINALS
logo
Molex Electronics Ltd.
78196-1001 MOLEX9-78196-1001 Datasheet
99Kb / 2P
   5.40mm (.213) Pitch Projector Lamp Receptacle Housing, 2 Circuits, Leadfree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com