Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0873813463 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0873813463
Description  0.80mm (.031
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0873813463 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0873813463 Datasheet HTML 1Page - Molex Electronics Ltd. 0873813463 Datasheet HTML 2Page - Molex Electronics Ltd. 0873813463 Datasheet HTML 3Page - Molex Electronics Ltd. 0873813463 Datasheet HTML 4Page - Molex Electronics Ltd. 0873813463 Datasheet HTML 5Page - Molex Electronics Ltd. 0873813463 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-87380-002
Sales Drawing
SD-87381-**6*
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0873813463

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0873813464 MOLEX9-0873813464 Datasheet
327Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.38關m (15關) Gold (Au) Plating, with Cap, without Locating Pegs, 34 Circuits, Lead-free
More results

Similar Description - 0873813463

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0746511014 MOLEX8-0746511014 Datasheet
423Kb / 4P
   0.80mm (.031
0714300006 MOLEX8-0714300006 Datasheet
419Kb / 5P
   0.80mm (.031") Pitch Ultra?
0714253001 MOLEX8-0714253001 Datasheet
226Kb / 3P
   0.80mm (.031") Pitch Ultra??VHDCI Plug Kit, IDT
75310-0001 MOLEX-75310-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
0737760101 MOLEX8-0737760101 Datasheet
301Kb / 4P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Vertical, SMT
0737760201 MOLEX8-0737760201 Datasheet
301Kb / 4P
   0.80mm (.031") Pitch Ultra VHDCI Receptacle, Vertical, SMT
0552160601 MOLEX7-0552160601 Datasheet
484Kb / 5P
   0.80mm (.031") Pitch IDT Cover Strain Relief, 60 Circuits
74337 MOLEX-74337 Datasheet
668Kb / 2P
   0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
0552170671 MOLEX7-0552170671 Datasheet
481Kb / 5P
   0.80mm (.031") Pitch Flat Cable Plug, Vertical, 60 Circuits
76105 MOLEX-76105 Datasheet
1Mb / 2P
   0.80mm (.031?? Pitch iPass 84-Circuit 120 Gbps Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com