Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87715-9207 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87715-9207
Description  1.00mm (.039") Pitch, PCI Express* Connector, 98 Circuits, Nylon 4/6 Glass-filled,Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs, 2.30mm (.091")
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87715-9207 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87715-9207 Datasheet HTML 1Page - Molex Electronics Ltd. 87715-9207 Datasheet HTML 2Page - Molex Electronics Ltd. 87715-9207 Datasheet HTML 3Page - Molex Electronics Ltd. 87715-9207 Datasheet HTML 4Page - Molex Electronics Ltd. 87715-9207 Datasheet HTML 5Page - Molex Electronics Ltd. 87715-9207 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Sales Drawing
SD-87715-207
Test Summary
TS-87715-207
* PCI Express is a registered trademark of PCI-SIG®
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87715-9207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87715-9207 MOLEX-87715-9207 Datasheet
614Kb / 8P
   PCI EXPRESS EDGE CARD CONNECTOR (LEAD FREE VERSION)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com