Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA03 Datasheet(PDF) 1 Page - Sanken electric

Part # SDA03
Description  Surface-mount Power Transistor Array
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SDA03 Datasheet(HTML) 1 Page - Sanken electric

  SDA03 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01
2
3
4
5
s IC — VCE Characteristics
0
5
6
VCE (V)
4
3
2
1
0
50
100
150
s PT — Ta Derating
0
3
2
1
Ta (ºC)
4
0.001
0.01
0.1
1
2
s j-a — t Characteristics
0.3
1
5
10
t (s)
50
–3
–5
–10
–50
–100
s Safe Operating Area (single pulse)
–0.1
–0.5
–10
–1
VCE (V)
–20
–0.05
–1
–0.1
–10
s VCE (sat) — IC Temperature Characteristics (typ.)
0
1
2
IC (A)
3
IB = –5mA
–10mA
–20mA
–30mA
–50mA
IC/IB = 20
Ta
= 25ºC
Single pulse
0
0.5
1.0
1.5
s IC — VBE Temperature Characteristics (typ.)
0
5
4
3
2
1
6
VBE (V)
(VCE = –4V)
Without heatsink
20ms
10m
s
–200mA
–100mA
Ta = 150ºC
75ºC
25ºC
55ºC
Ta = 150ºC
75ºC
25ºC
–55ºC
Symbol
Ratings
Unit
(Ta=25ºC)
(Ta=25ºC)
VCBO
–60
Symbol
Test Conditions
Ratings
Unit
ICBO
12
VCC
(V)
12
RL
(
Ω)
1
IC
(A)
10
VBB1
(V)
–5
VBB2
(V)
–50
IB1
(mA)
50
IB2
(mA)
0.4
ton
(
µs)
1.75
tstg
(
µs)
0.22
tf
(
µs)
µA
VCB = –60V
–10max
IEBO
µA
VEB = –6V
–10max
VCEO
V
IC = –25mA
–60min
hFE
VCE = –4V, IC = –2A
100min
VCE (sat)
V
IC = –2A, IB = –0.1A
–0.4max
VCEO
V
V
–60
VEBO
V
–6
IC
A
–6 (pulse –12)
IB
A
–1
PT
W
3 (No Fin)
Tj
ºC
150
Tstg
ºC
–55 to +150
Electrical Characteristics
Typical Switching Characteristics
natural air cooling
Without heatsink
15
16
2
13
14
4
11
12
6
9
10
8
Surface-mount Power Transistor Array
SDA03
68
0.05
1
0.5
0.1
5
0.5
0.1
0.5
1
5
10
s ton• tstg•tf — IC Characteristics
IC (A)
–0.01
–0.1
–1
–10
s hFE — IC Temperature Characteristics
30
100
50
500
IC (A)
1000
VCE = –4V
Ta = 150ºC
VCC = 12V
IB1 = –IB2 = 50mA
ton
tf
tstg
75ºC
25ºC
–55ºC
Absolute Maximum Ratings
a) Type No.
b) Lot No.
(Unit: mm)
a
b
20.0max
2.54±0.25
0.89±0.15
0.25
19.56±0.2
0.75
0.3
+0.15
–0.05
+0.15
–0.05
16
Pin 1
8
9
External Dimensions
SMD-16A
Equivalent Circuit Diagram


Similar Part No. - SDA03

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
ITT Industries
SDA03H0B ITT-SDA03H0B Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SDA03H0B CK-COMPONENTS-SDA03H0B Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA03H0BD ITT-SDA03H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SDA03H0BD CK-COMPONENTS-SDA03H0BD Datasheet
208Kb / 3P
   Low Profile DIP Switches
More results

Similar Description - SDA03

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF0001 SANKEN-SPF0001 Datasheet
43Kb / 1P
   Surface-mount Power Transistor Array
SDC09 SANKEN-SDC09 Datasheet
16Kb / 1P
   Surface-mount Power Transistor Array
SDA04 SANKEN-SDA04 Datasheet
23Kb / 1P
   Surface-mount Power Transistor Array
SSD103 SANKEN-SSD103 Datasheet
38Kb / 1P
   Surface-mount Power Transistor
logo
NIC-Components Corp.
NVA NIC-NVA Datasheet
101Kb / 4P
   Surface Mount Varistor Array
logo
Sanken electric
STA315A SANKEN-STA315A Datasheet
24Kb / 1P
   Power Transistor Array
STA463C SANKEN-STA463C Datasheet
24Kb / 1P
   Power Transistor Array
STA461C SANKEN-STA461C Datasheet
22Kb / 1P
   Power Transistor Array
STA335A SANKEN-STA335A Datasheet
22Kb / 1P
   Power Transistor Array
STA415A SANKEN-STA415A Datasheet
25Kb / 1P
   Power Transistor Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com