Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87655-0007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87655-0007
Description  1.27mm (.050) Pitch DDR DIMM Socket, Right Angle, Single Key, with Beveled Metal Pin and Plastic Pegs, 184 Circuits, 0.76關m (30關) Gold (Au) Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87655-0007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87655-0007 Datasheet HTML 1Page - Molex Electronics Ltd. 87655-0007 Datasheet HTML 2Page - Molex Electronics Ltd. 87655-0007 Datasheet HTML 3Page - Molex Electronics Ltd. 87655-0007 Datasheet HTML 4Page - Molex Electronics Ltd. 87655-0007 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876550007
Status:
Active
Description:
1.27mm (.050") Pitch DDR DIMM Socket, Right Angle, Single Key, with Beveled Metal
Pin and Plastic Pegs, 184 Circuits, 0.76µm (30µ") Gold (Au) Plating, 2.79mm (.110) Tail
Length, Leadfree
Documents:
3D Model
Product Specification PS-87609-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
87655
Component Type
Memory Module
JEDEC Outline
MO-206
Product Name
DDR DIMM
Physical
Circuits (Loaded)
184
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Metal
Brass, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.79 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Voltage Key
2.5V, Left
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87655Series
Mates With
JEDEC standard 1.27mm modules


Similar Part No. - 87655-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87655-0004 MOLEX9-87655-0004 Datasheet
227Kb / 5P
   1.27mm (.050") Pitch DDR DIMM Socket, Right Angle, Single Key, with Beveled Metal Pin and Plastic Pegs
87655-0005 MOLEX9-87655-0005 Datasheet
227Kb / 5P
   1.27mm (.050") Pitch DDR DIMM Socket, Right Angle, Single Key, with Beveled Metal Pin and Plastic Pegs
More results

Similar Description - 87655-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876550005 MOLEX9-0876550005 Datasheet
227Kb / 5P
   1.27mm (.050") Pitch DDR DIMM Socket, Right Angle, Single Key, with Beveled Metal Pin and Plastic Pegs
0876550004 MOLEX9-0876550004 Datasheet
227Kb / 5P
   1.27mm (.050") Pitch DDR DIMM Socket, Right Angle, Single Key, with Beveled Metal Pin and Plastic Pegs
0712433001 MOLEX8-0712433001 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, 184 Circuits
0712433009 MOLEX8-0712433009 Datasheet
220Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433007 MOLEX8-0712433007 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712435000 MOLEX8-0712435000 Datasheet
200Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433102 MOLEX8-0712433102 Datasheet
205Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433005 MOLEX8-0712433005 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433004 MOLEX8-0712433004 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712435001 MOLEX8-0712435001 Datasheet
200Kb / 4P
   1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com