Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0783950001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0783950001
Description  0.80mm(.031), 1.27mm(.050) Micro SAS Receptacle, Right Angle, SMT, 0.76關m (30關) Gold (Au) Plating, 25 Circuits, for 1.00mm (.039) PCB Thickness
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0783950001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0783950001 Datasheet HTML 1Page - Molex Electronics Ltd. 0783950001 Datasheet HTML 2Page - Molex Electronics Ltd. 0783950001 Datasheet HTML 3Page - Molex Electronics Ltd. 0783950001 Datasheet HTML 4Page - Molex Electronics Ltd. 0783950001 Datasheet HTML 5Page - Molex Electronics Ltd. 0783950001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 0783950001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783950002 MOLEX9-0783950002 Datasheet
327Kb / 6P
   0.80mm(.031"), 1.27mm(.050") Micro SAS Receptacle, Right Angle, SMT, 0.76um (30u") Gold (Au) Plating
More results

Similar Description - 0783950001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783960001 MOLEX9-0783960001 Datasheet
383Kb / 6P
   0.80mm(.031), 1.27mm(.050) Micro SAS Receptacle, Vertical, SMT, 0.76關m(30關) Gold (Au) Plating, 25 Circuits, for 1.00mm (.039) PCB Thickness,Halogen free
0784950001 MOLEX9-0784950001 Datasheet
530Kb / 6P
   0.80mm(.031), 1.27mm(.050) Micro SAS Receptacle, Dual Stack, Right Angle, Through Hole, 0.76關m (30關) Gold (Au) Plating, 50 Circuits
0783940002 MOLEX9-0783940002 Datasheet
294Kb / 6P
   0.80mm(.031"), 1.27mm(.050") Micro SAS Plug, Right Angle, Straddle Mount, 0.76關m(30關") Gold (Au) Plating, 25 Circuits, Halogen free, Lead free
0783950002 MOLEX9-0783950002 Datasheet
327Kb / 6P
   0.80mm(.031"), 1.27mm(.050") Micro SAS Receptacle, Right Angle, SMT, 0.76um (30u") Gold (Au) Plating
0784770001 MOLEX9-0784770001 Datasheet
353Kb / 6P
   1.27mm (.050") Pitch SAS Plug, Straddle Mount, 0.76關m (30關") Gold (Au) Plating, 22 Circuits, Lead-free
0755860009 MOLEX9-0755860009 Datasheet
352Kb / 5P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, External Application, 26 Circuit, 0.76關m (30關") Gold (Au)
0755860011 MOLEX9-0755860011 Datasheet
182Kb / 3P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, External Application, 38 Circuit, 0.76關m (30關) Gold (Au)
0757830123 MOLEX9-0757830123 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application36 Circuit, 0.76關m (30關") Gold (Au), SMT Shell, Right Key
0473004004 MOLEX6-0473004004 Datasheet
136Kb / 3P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive,Right Angle, SMT, 0.76關m (30關") Gold (Au) Plating, with Pegs, Lead-free
0483362003 MOLEX6-0483362003 Datasheet
175Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle,Reverse SMT with Clip, 0.76關m (30關") Gold (Au) Plating, Mounted Height: 7.60mm (.299"), Lead free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com