Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87568-1494 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87568-1494
Description  2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 14 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87568-1494 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87568-1494 Datasheet HTML 1Page - Molex Electronics Ltd. 87568-1494 Datasheet HTML 2Page - Molex Electronics Ltd. 87568-1494 Datasheet HTML 3Page - Molex Electronics Ltd. 87568-1494 Datasheet HTML 4Page - Molex Electronics Ltd. 87568-1494 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IDT - Manual - Tool
Kit
0621003200
This document was generated on 04/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87568-1494

ManufacturerPart #DatasheetDescription
logo
MolexKits
87568-1493 MOLEXKITS-87568-1493 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
87568-1493 MOLEXKITS-87568-1493 Datasheet
40Kb / 3P
   Vertical Header and IDT Receptacle
logo
Molex Electronics Ltd.
87568-1493 MOLEX9-87568-1493 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 14 Circuits, 0.38mm (.015) Gold (Au) Selective Plating,
More results

Similar Description - 87568-1494

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875681444 MOLEX9-0875681444 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 14 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875685094 MOLEX9-0875685094 Datasheet
110Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 50 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875682694 MOLEX9-0875682694 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 26 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875684494 MOLEX9-0875684494 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 44 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875682294 MOLEX9-0875682294 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree,22 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875684044 MOLEX9-0875684044 Datasheet
285Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 40 Circuits, 0.76mm (.030") Gold (Au) Selective Plating
0875683094 MOLEX9-0875683094 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 30 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875682044 MOLEX9-0875682044 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 20 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875681694 MOLEX9-0875681694 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 16 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875685044 MOLEX9-0875685044 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 50 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com