Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0875691014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0875691014
Description  2.00mm (.079) Strain Relief for Dual Row IDT, 14 circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0875691014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0875691014 Datasheet HTML 1Page - Molex Electronics Ltd. 0875691014 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0875691014
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Strain Relief for Dual Row IDT, 14 circuits
Documents:
3D Model
Product Specification PS-87568-004 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
87569
Component Type
Strain Relief
Overview
milligrid
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
14
Color - Resin
Black
Gender
N/A
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Packaging Type
Bag
Material Info
Reference - Drawing Numbers
Product Specification
PS-87568-004
Sales Drawing
SD-87569-008
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87569Series
Use With
PCB Receptacle
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0875691014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875691010 MOLEX9-0875691010 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 10 circuits
0875691012 MOLEX9-0875691012 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 12 circuits
0875691016 MOLEX9-0875691016 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 16 circuits
More results

Similar Description - 0875691014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875691030 MOLEX9-0875691030 Datasheet
108Kb / 2P
   2.00mm (.079) Strain Relief for Dual Row IDT, 30 circuits
0875691010 MOLEX9-0875691010 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 10 circuits
0875691012 MOLEX9-0875691012 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 12 circuits
0875691040 MOLEX9-0875691040 Datasheet
108Kb / 2P
   2.00mm (.079) Strain Relief for Dual Row IDT, 40 circuits
0875691026 MOLEX9-0875691026 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 26 circuits
0875691016 MOLEX9-0875691016 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 16 circuits
0875691020 MOLEX9-0875691020 Datasheet
108Kb / 2P
   2.00mm (.079) Strain Relief for Dual Row IDT, 20 circuits
0875691022 MOLEX9-0875691022 Datasheet
108Kb / 2P
   2.00mm (.079") Strain Relief for Dual Row IDT, 22 circuits
0875691044 MOLEX9-0875691044 Datasheet
108Kb / 2P
   2.00mm (.079) Strain Relief for Dual Row IDT, 44 circuits
0875691024 MOLEX9-0875691024 Datasheet
108Kb / 2P
   2.00mm (.079) Strain Relief for Dual Row IDT, 24 circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com