Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0761030001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0761030001
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 200 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0761030001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0761030001 Datasheet HTML 1Page - Molex Electronics Ltd. 0761030001 Datasheet HTML 2Page - Molex Electronics Ltd. 0761030001 Datasheet HTML 3Page - Molex Electronics Ltd. 0761030001 Datasheet HTML 4Page - Molex Electronics Ltd. 0761030001 Datasheet HTML 5Page - Molex Electronics Ltd. 0761030001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0761030001
Status:
Obsolete
Overview:
sfp_stacked_multiport_connectors
Description:
Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-5 Multi-Port Press Fit
Connector without Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn)/Lead(Pb)
Tails
Documents:
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
76103
Application
Module-to-Board
Component Type
Receptacle
Overview
sfp_stacked_multiport_connectors
Product Name
SFP Plus
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
200
Circuits (maximum)
200
Circuits Detail
200
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Female
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.081 In
PC Tail Length (mm)
2.07 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
10
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76103Series
Use With
0759510999 SFP Dust Plug,
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
SFP Stacked Multi-
Port Insertion Tool, 2
by 5
0622029980
SFP Stacked Multi-
Port Extraction Tool,
2 by 5
0622029990


Similar Part No. - 0761030001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761035001 MOLEX9-0761035001 Datasheet
605Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports
0761035001 MOLEX1-0761035001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
More results

Similar Description - 0761030001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761035001 MOLEX1-0761035001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
0761035001 MOLEX9-0761035001 Datasheet
605Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports
0760670001 MOLEX9-0760670001 Datasheet
627Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Press Fit Connector without Lightpipe Ports
0761015001 MOLEX9-0761015001 Datasheet
438Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Press Fit Connector without Lightpipe Ports
0761015001 MOLEX1-0761015001_17 Datasheet
36Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0761020001 MOLEX9-0761020001 Datasheet
443Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Press Fit Connector without Lightpipe Ports
0760900003 MOLEX9-0760900003 Datasheet
524Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Press Fit Connector with Outer 2 Lightpipe Ports, Elastomeric Gasket, 40 Circuits
0761040001 MOLEX9-0761040001 Datasheet
541Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Press Fit Connector without Lightpipe Ports
0761005001 MOLEX9-0761005001 Datasheet
362Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Press Fit Connector without Lightpipe Ports, Elastomeric Gasket, 40 Circuits, Tin (Sn) Tails
0761000001 MOLEX9-0761000001 Datasheet
357Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Press Fit Connector without Lightpipe Ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com