Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDK03M Datasheet(PDF) 1 Page - Sanken electric

Part # SDK03M
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SDK03M Datasheet(HTML) 1 Page - Sanken electric

  SDK03M Datasheet HTML 1Page - Sanken electric SDK03M Datasheet HTML 2Page - Sanken electric SDK03M Datasheet HTML 3Page - Sanken electric SDK03M Datasheet HTML 4Page - Sanken electric SDK03M Datasheet HTML 5Page - Sanken electric SDK03M Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
36
SDK03M
2-Phase Stepper Motor Unipolar Driver ICs
SDK03M
sElectrical Characteristics
sAbsolute Maximum Ratings
Parameter
Symbol
Ratings
Units
min
typ
max
Control supply current
IS
5
7.5
mA
Condition
VS=44V
Control supply voltage
VS
10
24
44
V
FET Drain-Source
VDSS
100
V
voltage
Condition
VS=44V, IDSS=250
µA
FET ON voltage
VDS
0.85
V
Condition
ID=1A, VS=14V
FET drain leakage current
IDSS
4
mA
Condition
VDSS=100V, VS=44V
FET diode forward
VSD
1.2
V
voltage
Condition
ID=1A
IIH
40
µA
TTL input current
Condition
VIH=2.4V, VS=44V
IIL
−0.8
mA
Condition
VIL=0.4V, VS=44V
VIH
2
TTL input voltage
Condition
ID=1A
V
(Active High)
VIL
0.8
Condition
VDSS=100V
VIH
2
TTL input voltage
Condition
VDSS=100V
V
(Active Low)
VIL
0.8
Condition
ID=1A
Tr
0.5
Condition
VS=24V, ID=0.8A
Switching time
Tstg
0.7
µ s
Condition
VS=24V, ID=0.8A
Tf
0.1
Condition
VS=24V, ID=0.8A
Parameter
Symbol
Ratings
Units
Motor supply voltage
VCC
46
V
FET Drain-Source voltage
VDSS
100
V
Control supply voltage
VS
46
V
TTL input voltage
VIN
7V
Reference voltage
VREF
2V
Output current
IO
1A
Power dissipation
PD
2.5 (Without Heatsink)
W
Channel temperature
Tch
+150
°C
Storage temperature
Tstg
−40 to +150
°C
2-Phase/1-2 Phase Excitation


Similar Part No. - SDK03M

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDK03N04 SAMHOP-SDK03N04 Datasheet
122Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SDK03M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com