Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0877468011 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0877468011
Description  1.00mm (.039) Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 4.20mm (.165) Tail Length, Beige Latches, 240 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877468011 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0877468011 Datasheet HTML 1Page - Molex Electronics Ltd. 0877468011 Datasheet HTML 2Page - Molex Electronics Ltd. 0877468011 Datasheet HTML 3Page - Molex Electronics Ltd. 0877468011 Datasheet HTML 4Page - Molex Electronics Ltd. 0877468011 Datasheet HTML 5Page - Molex Electronics Ltd. 0877468011 Datasheet HTML 6Page - Molex Electronics Ltd. 0877468011 Datasheet HTML 7Page - Molex Electronics Ltd. 0877468011 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 0877468011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877468001 MOLEX9-0877468001 Datasheet
520Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys4.20mm (.165") Tail Length, Beige Latches, 240 Circuits, 0.38關m(15關") Selective
More results

Similar Description - 0877468011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877465311 MOLEX9-0877465311 Datasheet
520Kb / 8P
   1.00mm (.039) Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130) Tail Length, Clear Latches, 240 Circuits
0877465111 MOLEX9-0877465111 Datasheet
517Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys
0877050021 MOLEX9-0877050021 Datasheet
467Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 2.67mm (.105") Tail Length, Beige Latches
0780658102 MOLEX9-0780658102 Datasheet
313Kb / 6P
   1.00mm (.039") Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Press-fit, 1.8V Center Keys, 4.20mm (.165") Tail Length, Black Latches, 240 Circuits
0780658002 MOLEX9-0780658002 Datasheet
316Kb / 6P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Press-fit, 1.8V Center Keys, 4.20mm (.165) Tail Length, Black Latches, 240 Circuits
0877050051 MOLEX9-0877050051 Datasheet
467Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 2.67mm (.105") Tail Length, Beige Latches
0877469001 MOLEX9-0877469001 Datasheet
520Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130") Tail Length
0877469011 MOLEX9-0877469011 Datasheet
519Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130") Tail Length
0877465391 MOLEX9-0877465391 Datasheet
520Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130") Tail Length, Black Housing, Clear Latches, 240 Circuits
0877468001 MOLEX9-0877468001 Datasheet
520Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys4.20mm (.165") Tail Length, Beige Latches, 240 Circuits, 0.38關m(15關") Selective
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com