Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75757-0431 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75757-0431
Description  3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 3 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 1.50關m (60關) Minimum Select Matte Tin (Sn) Plating Overall
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75757-0431 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75757-0431 Datasheet HTML 1Page - Molex Electronics Ltd. 75757-0431 Datasheet HTML 2Page - Molex Electronics Ltd. 75757-0431 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757570431
Status:
Active
Overview:
mx150_unshrouded_breakaway_header
Description:
3.50mm (.138") Pitch, MX150™ Header, Breakaway, Vertical, 3 Circuits, 1.25µm (50µ")
Nickel (Ni) Overall, 1.50µm (60µ") Minimum Select Matte Tin (Sn) Plating Overall,
11.20mm (.440") Mating Pin Length, 3.05mm (.120") PC Tail Length
Documents:
3D Model
Application Specification (PDF)
Drawing (PDF)
Product Specification PS-75757-000 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
75757
Application
Wire-to-Board
Overview
mx150_unshrouded_breakaway_header
Product Name
MX150™
Physical
Breakaway
Yes
Circuits (Loaded)
3
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.120 In
PC Tail Length (mm)
3.05 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Pitch - Term. Interface (in)
0.138 In
Pitch - Term. Interface (mm)
3.50 mm
Plating min: Mating (µin)
60
Plating min: Mating (µm)
1.5
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75757Series
Mates With
33471 Single Row MX150™ Receptacles.
33472 Dual Row MX150™ Receptacles


Similar Part No. - 75757-0431

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75757-0431 MOLEX-75757-0431 Datasheet
203Kb / 2P
   MX150 SINGLE ROW UNSHROUDED VERTICAL HEADER ASSEMBLY
2020/03/02
More results

Similar Description - 75757-0431

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757570432 MOLEX9-0757570432 Datasheet
110Kb / 3P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 3 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 1.50關m (60關) Minimum Select Matte Tin (Sn) Plating Overall
0757570442 MOLEX9-0757570442 Datasheet
110Kb / 3P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 4 Circuits, 1.25關m (50關") Nickel (Ni) Overall, 1.50關m (60關") Minimum Select Matte Tin (Sn) Plating Overall
0757570441 MOLEX9-0757570441 Datasheet
110Kb / 3P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 4 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 1.50關m (60關) Minimum Select Matte Tin (Sn) Plating Overall
0757570421 MOLEX9-0757570421 Datasheet
110Kb / 3P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 2 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 1.50關m (60關) Minimum Select Matte Tin (Sn) Plating Overall
0757570451 MOLEX9-0757570451 Datasheet
110Kb / 3P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 5 Circuits, 1.25關m (50關")Nickel (Ni) Overall, 1.50關m (60關") Minimum Select Matte Tin (Sn) Plating Overall,
0757570461 MOLEX9-0757570461 Datasheet
110Kb / 3P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 1.50關m (60關) Minimum Select Matte Tin (Sn) Plating Overall
0757570462 MOLEX9-0757570462 Datasheet
110Kb / 3P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 1.25關m (50關") Nickel (Ni) Overall, 1.50關m (60關") Minimum Select Matte Tin (Sn) Plating Overall
0757570161 MOLEX9-0757570161 Datasheet
110Kb / 3P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 2.50關m (100關) Minimum Select Matte Tin (Sn) Plating Overall
0757570121 MOLEX9-0757570121 Datasheet
110Kb / 3P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 2 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 2.50關m (100關) Minimum Select Matte Tin (Sn) Plating Overall
0757570151 MOLEX9-0757570151 Datasheet
110Kb / 3P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 5 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 2.50關m (100關) Minimum Select Matte Tin (Sn) Plating Overall
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com