Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850133225 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850133225
Description  2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 64 Circuits, Lead free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850133225 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850133225 Datasheet HTML 1Page - Molex Electronics Ltd. 0850133225 Datasheet HTML 2Page - Molex Electronics Ltd. 0850133225 Datasheet HTML 3Page - Molex Electronics Ltd. 0850133225 Datasheet HTML 4Page - Molex Electronics Ltd. 0850133225 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850133225
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1µm
(40µ") Selective Gold (Au), 64 Circuits, Lead free
Documents:
3D Model
Product Specification PS-85013-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85013
Application
Daughtercard
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
64
Circuits (maximum)
96
Circuits Detail
Rows A & C
Durability (mating cycles max)
500
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.180 In
PC Tail Length (mm)
4.50 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
39
Plating min: Mating (µm)
1
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Electrical
Current - Maximum per Contact
2.5A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
30
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85013Series
Mates With
85042 , 85052 Backplane Header


Similar Part No. - 0850133225

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850133201 MOLEX9-0850133201 Datasheet
155Kb / 6P
   2.54mm (.100") Pitch DIN 41612 Header, Style R/2 Reverse, 32 Circuits
0850133213 MOLEX9-0850133213 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850133299 MOLEX9-0850133299 Datasheet
78Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1關m (40關") Selective Gold (Au), 96 Circuits, Lead free
More results

Similar Description - 0850133225

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850133160 MOLEX9-0850133160 Datasheet
135Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 32 Circuits, Lead free
0850133213 MOLEX9-0850133213 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850132385 MOLEX9-0850132385 Datasheet
125Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850133122 MOLEX9-0850133122 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850131938 MOLEX9-0850131938 Datasheet
139Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 0.6關m (24關) Selective Gold (Au), 64 Circuits, Lead free
0850131677 MOLEX9-0850131677 Datasheet
146Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse,0.6關m (24關") Selective Gold (Au), 64 Circuits, Lead free
0850130438 MOLEX9-0850130438 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850133196 MOLEX9-0850133196 Datasheet
172Kb / 6P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1關m (40關) Selective Gold (Au), 48 Circuits, Lead free
0850130012 MOLEX9-0850130012 Datasheet
139Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 64 Circuits, 0.6關m (24關) Selective Gold (Au), Lead free
0850132127 MOLEX9-0850132127 Datasheet
170Kb / 6P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1關m (40關) Selective Gold (Au), 48 Circuits, Lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com