Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87263-2803 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87263-2803
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 28 Circuits, with Pick-and-Place Cap, Tube, Leadfree
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87263-2803 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87263-2803 Datasheet HTML 1Page - Molex Electronics Ltd. 87263-2803 Datasheet HTML 2Page - Molex Electronics Ltd. 87263-2803 Datasheet HTML 3Page - Molex Electronics Ltd. 87263-2803 Datasheet HTML 4Page - Molex Electronics Ltd. 87263-2803 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0872632803
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Surface Mount, Bottom Entry, 0.38µm
(15µ") Gold (Au) Selective, 28 Circuits, with Pick-and-Place Cap, Tube, Leadfree
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
87263
Application
Board-to-Board
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
28
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Bottom Entry
PCB Locator
Yes
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Polarized to Mating Part
No
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-87263-**2*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87263Series
Mates With
87759 Vertical, Surface Mount, Stackable
PCB Headers, 87760 Right Angle, Through
Hole, Stackable PCB Headers, 87758
Vertical, Through Hole, Stackable PCB
Headers


Similar Part No. - 87263-2803

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87263-2823 MOLEX9-87263-2823 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 28 Circuits, without Pick-and-Place Cap, Tube, Leadfree
87263-2825 MOLEX9-87263-2825 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Bottom Entry
87263-2893 MOLEX9-87263-2893 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關") Gold (Au) Selective, 28 Circuits, with Pick-and-Place Cap
More results

Similar Description - 87263-2803

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872632823 MOLEX9-0872632823 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 28 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872631203 MOLEX9-0872631203 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 12 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872632003 MOLEX9-0872632003 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 20 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631003 MOLEX9-0872631003 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 10 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872633003 MOLEX9-0872633003 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 30 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631403 MOLEX9-0872631403 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 14 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631603 MOLEX9-0872631603 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 16 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872630403 MOLEX9-0872630403 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 4 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631803 MOLEX9-0872631803 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 18 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872632893 MOLEX9-0872632893 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關") Gold (Au) Selective, 28 Circuits, with Pick-and-Place Cap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com