Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0784990001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0784990001
Description  Camera Socket for Mobile Phone, SMT, Bottom Contact, 6.5x6.5 Camera Module, with Pick-and-Place Cap
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0784990001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0784990001 Datasheet HTML 1Page - Molex Electronics Ltd. 0784990001 Datasheet HTML 2Page - Molex Electronics Ltd. 0784990001 Datasheet HTML 3Page - Molex Electronics Ltd. 0784990001 Datasheet HTML 4Page - Molex Electronics Ltd. 0784990001 Datasheet HTML 5Page - Molex Electronics Ltd. 0784990001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0784990001
Status:
Active
Description:
Camera Socket for Mobile Phone, SMT, Bottom Contact, 6.5x6.5 Camera Module, with
Pick-and-Place Cap
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-78499-001 (PDF)
General
Product Family
Other Sockets
Series
78499
Comments
With Cap
Component Type
Socket
Product Name
Camera Socket
Physical
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Durability (mating cycles max)
5
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.024 In
Pitch - Mating Interface (mm)
0.60 mm
Pitch - Term. Interface (in)
0.024 In
Pitch - Term. Interface (mm)
0.60 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.3
Plating min: Termination (µin)
0.8
Plating min: Termination (µm)
0.020
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
.5A
Voltage - Maximum
50V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
10
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-78499-001
Product Specification
PS-78499-001
Sales Drawing
SD-78499-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78499Series
Mates With
Camera Module
Use With
78499-0501 Cap


Similar Part No. - 0784990001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0784990001 MOLEX1-0784990001_17 Datasheet
32Kb / 2P
   Camera Socket for Mobile Phone, Surface Mount, Bottom Contact
More results

Similar Description - 0784990001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0784990002 MOLEX9-0784990002 Datasheet
310Kb / 5P
   Camera Socket for Mobile Phone, Bottom Contact, 6.5x6.5 Camera Module, withoutPick-and-Place Cap, Lead free
0475860001 MOLEX6-0475860001 Datasheet
213Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
   Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
0784990001 MOLEX1-0784990001_17 Datasheet
32Kb / 2P
   Camera Socket for Mobile Phone, Surface Mount, Bottom Contact
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
0475780006 MOLEX6-0475780006 Datasheet
83Kb / 2P
   Cover for Mobile Phone Camera Socket
0472490001 MOLEX6-0472490001 Datasheet
226Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8x8
0473370001 MOLEX6-0473370001 Datasheet
224Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
1050281001 MOLEX11-1050281001 Datasheet
255Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com