Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75341-7766 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75341-7766
Description  1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75341-7766 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75341-7766 Datasheet HTML 1Page - Molex Electronics Ltd. 75341-7766 Datasheet HTML 2Page - Molex Electronics Ltd. 75341-7766 Datasheet HTML 3Page - Molex Electronics Ltd. 75341-7766 Datasheet HTML 4Page - Molex Electronics Ltd. 75341-7766 Datasheet HTML 5Page - Molex Electronics Ltd. 75341-7766 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0753417766
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX® Backplane Connector System,
Power Module, 12 Circuits, 1.27µm (50µ") Gold (Au)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75221-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
75341
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Blade Length A 7.50mm, B 7.50mm, C 6.00mm, D
6.00mm
Component Type
Power Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Circuits Detail
Rows A, B, C, & D
Color - Resin
Gray
Durability (mating cycles max)
200
First Mate / Last Break
Yes
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
4
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.089 In
PC Tail Length (mm)
2.28 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.073 In
Pitch - Mating Interface (mm)
1.85 mm
Pitch - Term. Interface (in)
0.102 In
Pitch - Term. Interface (mm)
2.60 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75341Series
Mates With
75292 GbX® Daughtercard
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Insertion Module,
GbX® 4 pair 1- Up
Power Module
0622022005
GbX® Single Pin
Repair Tool
0622022090
GbX® Shield
Removal Tool
0622022100


Similar Part No. - 75341-7766

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75341-7764 MOLEX9-75341-7764 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector SystemPower Module, 12 Circuits, 1.27關m (50關") Gold (Au)
75341-7767 MOLEX9-75341-7767 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
More results

Similar Description - 75341-7766

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0753417466 MOLEX9-0753417466 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關") Gold (Au)
0753417464 MOLEX9-0753417464 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753416647 MOLEX9-0753416647 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753416466 MOLEX9-0753416466 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753417447 MOLEX9-0753417447 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753417467 MOLEX9-0753417467 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753413333 MOLEX9-0753413333 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753414766 MOLEX9-0753414766 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753416646 MOLEX9-0753416646 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753414477 MOLEX9-0753414477 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753414464 MOLEX9-0753414464 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com