Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876911007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876911007
Description  6.35mm (.250) Pitch, Power, EXTreme PowerPlus??All Power Receptacle, Press-fit, Vertical, 7 Circuits, Leadfree
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876911007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876911007 Datasheet HTML 1Page - Molex Electronics Ltd. 0876911007 Datasheet HTML 2Page - Molex Electronics Ltd. 0876911007 Datasheet HTML 3Page - Molex Electronics Ltd. 0876911007 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876911007
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch, Power, EXTreme PowerPlus™ All Power Receptacle, Press-fit,
Vertical, 7 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-87633-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
87691
Application
Board-to-Board
Comments
Recessed Power Circuit Position: NIL
Overview
extreme_powerplus_ssi
Product Literature Order No
987650-3002
Product Name
EXTreme PowerPlus™
Physical
Circuits (Loaded)
7
Circuits Detail
Power 7
Color - Resin
Black
Durability (mating cycles max)
100
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.250 In
Pitch - Mating Interface (mm)
6.35 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
50A
Voltage - Maximum
250V DC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87691Series
Mates With
87658 EXTreme PowerPlus™ Header


Similar Part No. - 0876911007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876912002 MOLEX9-0876912002 Datasheet
182Kb / 4P
   6.35mm (.250") Pitch, Power, EXTreme PowerPlus??All Power Receptacle, Press-fit, Vertical, 5 Circuits, Leadfree
0876912003 MOLEX9-0876912003 Datasheet
183Kb / 4P
   6.35mm (.250) Pitch, Power EXTreme PowerPlus??All Power Receptacle, Press- fit, Vertical, 2 Circuits, Leadfree
More results

Similar Description - 0876911007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876912003 MOLEX9-0876912003 Datasheet
183Kb / 4P
   6.35mm (.250) Pitch, Power EXTreme PowerPlus??All Power Receptacle, Press- fit, Vertical, 2 Circuits, Leadfree
0876912002 MOLEX9-0876912002 Datasheet
182Kb / 4P
   6.35mm (.250") Pitch, Power, EXTreme PowerPlus??All Power Receptacle, Press-fit, Vertical, 5 Circuits, Leadfree
0876802002 MOLEX9-0876802002 Datasheet
181Kb / 4P
   6.35mm (.250") Pitch, Power, EXTreme PowerPlus All Power Receptacle, Press-fit, Vertical
0876822003 MOLEX9-0876822003 Datasheet
182Kb / 4P
   6.35mm (.250") Pitch EXTreme PowerPlus??Header, All Power, Press fit, Right Angle, 4 Circuits
0876822001 MOLEX9-0876822001 Datasheet
183Kb / 4P
   6.35mm (.250") Pitch EXTreme PowerPlus??Header, All Power, Press fit, Right Angle, 2 Circuits, Lead-free
0876951007 MOLEX9-0876951007 Datasheet
239Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) DPS Receptacle, Press-fit, Vertical
0876802001 MOLEX9-0876802001 Datasheet
181Kb / 4P
   6.35mm (.250) Pitch, Power, EXTreme PowerPlus??All Power Receptacle, Press-fit, Vertical, 0.76關m (30關) Gold (Au), 2 Circuits, Tin
0876331029 MOLEX9-0876331029 Datasheet
402Kb / 6P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PSP Receptacle, Press-fit, Vertical, 22 Circuits, Power Beta 2, Signal 16, Power Alpha
0876331021 MOLEX9-0876331021 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 45 Circuits, Power Beta 6, Signal 32
0876331024 MOLEX9-0876331024 Datasheet
402Kb / 6P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PS- P Receptacle, Press-fit, Vertical, 28 Circuits, Power Beta 2, Signal 24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com