Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEL1650CM Datasheet(PDF) 1 Page - Sanken electric

Part # SEL1650CM
Description  Ultra-high intensity LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL1650CM Datasheet(HTML) 1 Page - Sanken electric

  SEL1650CM Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27
sSEL1610 series
Ultra-high intensity LEDs (SEL1600 series)
Outline drawing A
sSEL1615 series
Outline drawing C
Outline drawing B
sSEL1650 series
IV
(mcd)
IR
(
µA)
∆λ
λp
max
VF
(V)
Outline
drawing
Condition
IF
(mA)
Condition
VR
(V)
Condition
IF
(mA)
(nm) typ
Emitting
color
typ
max
typ
30
660
800
30
1.75
100
3
2.2
10
A
C
B
SEL1610C
SEL1615C
SEL1650CM
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
Ratings
IF
mA
30
IFP
mA
100
VR
V3
Top
°C
–30 to +85
Tstg
°C
–30 to +100
Viewing angle
SEL1610C
SEL1615C
SEL1650CM
sExternal dimensions: Unit: mm Tolerance:
±0.3
Type No.
Display
form
(ø: mm)
Type of lens
q5
Un-tinted, non-diffused
Electro-optical characteristics (Ta=25
°C)
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
ø
5.6
±0.2
20.0min 5.5
±0.5
8.2
±0.2
19.0min 0.8
(1.0)
Cathode
Resin heap 1.5max
0.5
0.5
+0.1
0
Cathode
1.0min
21.0min
9.4
±0.3
Resin heap 1.5max
SEL1610C
SEL1615C
SEL1650CM
Ultra-high
intensity red
ø
5.6
±0.2
20.0min 5.0
±0.5
7.6
±0.2
19.0min 0.8
(1.0)
Cathode
Resin heap 1.5max
0.5
+0.1
0


Similar Part No. - SEL1650CM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1610C SANKEN-SEL1610C Datasheet
27Kb / 1P
   5phi Round Standard LED (With Stopper)
SEL1610C SANKEN-SEL1610C Datasheet
426Kb / 2P
   5phi Round Standard LED (With Stopper)
SEL1610W SANKEN-SEL1610W Datasheet
27Kb / 1P
   5phi Round Standard LED (With Stopper)
SEL1610W SANKEN-SEL1610W Datasheet
426Kb / 2P
   5phi Round Standard LED (With Stopper)
SEL1615C SANKEN-SEL1615C Datasheet
24Kb / 1P
   5f Round Narrow-directivity LED
More results

Similar Description - SEL1650CM

ManufacturerPart #DatasheetDescription
logo
NEC
SG203DA NEC-SG203DA Datasheet
72Kb / 2P
   GREEN GAP HIGH INTENSITY LEDS
SY403DA NEC-SY403DA Datasheet
77Kb / 2P
   AMBER GAASP(N) HIGH INTENSITY LEDS
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com