Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850019011 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0850019011
Description  2.54mm (.100) Pitch DIN 41612 B/2 Style Male Header, PBT, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 16 Circuits, with Mounting Clips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850019011 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0850019011 Datasheet HTML 1Page - Molex Electronics Ltd. 0850019011 Datasheet HTML 2Page - Molex Electronics Ltd. 0850019011 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-36507-001
Product Specification
PS-85003-0001
Sales Drawing
SD-85001-9011
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0850019011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850019010 MOLEX9-0850019010 Datasheet
74Kb / 3P
   2.54mm (.100") Pitch DIN 41612 B/2 Style Male Header, PBT, Right Angle, ThroughHole, 0.60關m (24關") Selective Gold (Au) Plating, 8 Circuits, with Mounting Clips, No
0850019012 MOLEX9-0850019012 Datasheet
78Kb / 3P
   2.54mm (.100) Pitch DIN 41612 B Style Male Header, PBT, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 64 Circuits, with Mounting Clips
More results

Similar Description - 0850019011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850019012 MOLEX9-0850019012 Datasheet
78Kb / 3P
   2.54mm (.100) Pitch DIN 41612 B Style Male Header, PBT, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 64 Circuits, with Mounting Clips
0850033249 MOLEX9-0850033249 Datasheet
68Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 16 Circuits, with Mounting Clips
0850019010 MOLEX9-0850019010 Datasheet
74Kb / 3P
   2.54mm (.100") Pitch DIN 41612 B/2 Style Male Header, PBT, Right Angle, ThroughHole, 0.60關m (24關") Selective Gold (Au) Plating, 8 Circuits, with Mounting Clips, No
0850032749 MOLEX9-0850032749 Datasheet
68Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 16 Circuits, without Mounting Clips
0850039018 MOLEX9-0850039018 Datasheet
84Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
0850037017 MOLEX9-0850037017 Datasheet
71Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
0850039004 MOLEX9-0850039004 Datasheet
81Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
0850037067 MOLEX9-0850037067 Datasheet
79Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
0850039024 MOLEX9-0850039024 Datasheet
156Kb / 4P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips
0850032488 MOLEX9-0850032488 Datasheet
82Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com