Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPL-52 Datasheet(PDF) 1 Page - Sanken electric

Part # SFPL-52
Description  Ultra-Fast-Recovery Rectifier Diodes (Surface Mount)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SFPL-52 Datasheet(HTML) 1 Page - Sanken electric

  SFPL-52 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
Ta 150ºC
=
60ºC
100ºC
25ºC
0.4
0.6
0.8
1.0
0.2
1.2
1.4
1.6
0.4
0.6
0.8
0.2
1.0
1.2
1.4
Ta 150ºC
=
60ºC
100ºC
25ºC
t 1.6 P. C. B.
Solder Land
=
3.0 35
µmCu
4.5
±0.2
2.0min
1.35
±0.4
1.35
±0.4
5.1
1.1
±0.2
1.5
±0.2
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
t 1.6 P. C. B.
Solder Land
=
3.0 35
µmCu
0
1
5
50
10
25
20ms
20
15
10
5
0
1
5
50
10
25
20ms
20
15
10
5
SFPL - 62
SFPL - 52
1
10
0.1
0.01
0.001
1
10
0.1
0.01
0.001
20
Ultra-Fast-Recovery Rectifier Diodes (Surface Mount)
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Tj =150ºC
IR
(
µA)
IR (H)
(mA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
SFPL-52
200
200
1.0
0.9
25
0.98
1.0
10
1.0
50
100/100
100/200
–40 to +150
35
20
0.072
SFPL-62
A
42
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
trr
Œ
(ns)
trr

(ns)
Rth (j- )
+0.4
–0.1


Similar Part No. - SFPL-52

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SFPL-52 SANKEN-SFPL-52 Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
More results

Similar Description - SFPL-52

ManufacturerPart #DatasheetDescription
logo
RFE international
U1A RFE-U1A Datasheet
2Mb / 3P
   Surface Mount Ultra Fast Recovery Rectifier Diodes
14-01-2021
logo
Sanken electric
SPX-G32S SANKEN-SPX-G32S Datasheet
19Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes (Power Surface Mount)
logo
YENYO TECHNOLOGY Co., L...
US1AB YENYO-US1AB Datasheet
697Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
US1A YENYO-US1A Datasheet
523Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
logo
TAITRON Components Inco...
MFPH05S TAITRON-MFPH05S Datasheet
142Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
US2A YENYO-US2A Datasheet
667Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
logo
Pan Jit International I...
FRG05W PANJIT-FRG05W Datasheet
419Kb / 5P
   Surface Mount Ultra Fast Recovery Rectifier
July 17,2020 FRG05W-REV.00
logo
Shenzhen Yixinwei Techn...
US3AB YIXIN-US3AB_15 Datasheet
330Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
US5AB SUNMATE-US5AB Datasheet
528Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AF SUNMATE-US5AF Datasheet
893Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com