Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850131225 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0850131225
Description  2.54mm (.100) Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850131225 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0850131225 Datasheet HTML 1Page - Molex Electronics Ltd. 0850131225 Datasheet HTML 2Page - Molex Electronics Ltd. 0850131225 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
13
Voltage - Maximum
1000V (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-85013-001
Sales Drawing
610-6043-201
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0850131225

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850131029 MOLEX9-0850131029 Datasheet
405Kb / 9P
   2.54mm (.100) Pitch DIN 41612 Header, Style R/2 Reverse, 0.6關m (24關) Selective Gold (Au), 48 Circuits, with Beveled Metal Pins, Lead free
0850131108 MOLEX9-0850131108 Datasheet
141Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, Style R Reverse, 0.6um (24u") Selective Gold (Au)
0850131512 MOLEX9-0850131512 Datasheet
137Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 0.6關m (24關) Selective Gold (Au), 96 Circuits, Flux Proof Option Available
0850131677 MOLEX9-0850131677 Datasheet
146Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse,0.6關m (24關") Selective Gold (Au), 64 Circuits, Lead free
0850131768 MOLEX9-0850131768 Datasheet
123Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Style R/2 Reverse, 1關m (40關) Selective Gold (Au) ,48 Circuits
More results

Similar Description - 0850131225

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850130218 MOLEX9-0850130218 Datasheet
93Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850130438 MOLEX9-0850130438 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850130476 MOLEX9-0850130476 Datasheet
93Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 1關m (40關) Selective Gold (Au), 64 Circuits, Lead free
0850130165 MOLEX9-0850130165 Datasheet
92Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 0.6關m (24關) Selective Gold (Au), 96 Circuits, Lead free
0850130189 MOLEX9-0850130189 Datasheet
134Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 0.6關m (24關") Selective Gold (Au), 96 Circuits
0850132282 MOLEX9-0850132282 Datasheet
205Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, C-Pin Press-Fit Style R Reverse, 1關m (40關") Selective Gold (Au), 64 Circuits, Lead free
0850133213 MOLEX9-0850133213 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850132385 MOLEX9-0850132385 Datasheet
125Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850133122 MOLEX9-0850133122 Datasheet
140Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850130103 MOLEX9-0850130103 Datasheet
93Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 0.6關m (24關) Selective Gold (Au), 64 Circuits, Lead free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com