Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3001S Datasheet(PDF) 1 Page - Sanken electric

Part # SI-3001S
Description  Dropper Type Regulator with Output On/Off Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3001S Datasheet(HTML) 1 Page - Sanken electric

  SI-3001S Datasheet HTML 1Page - Sanken electric SI-3001S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Output ON
Output OFF
Output ON
Output OFF
Electrical Characteristics
Parameter
Symbol
min
typ
max
Unit
Conditions
Ratings
Output Voltage
Dropout Voltage
Input Voltage
Quiescent Circuit Current
Output Voltage Temperature
Coefficient
( Ta = 25ºC, VIN=14V unless otherwise specified)
VIN
VIN =12 to 16V, IO = 0.4A
IO
0.4A
IO
1.0A
IO=0.4A, VIN = 6 to 16V
IO = 0 to 0.4A
IO=5mA, Ta = –10 to +100ºC
IO =0A
VC = 2.7V
VC = 0.4V
f =100 to 120Hz
6
*
2
30
*
1
V
4.90
5.00
5.10
V
0.5
1.0
V
V
30
mV
±0.5
100
mV
54
3
dB
10
mA
1.2
A
2.0
V
0.8
V
20
– 0.3
µA
mA
VO
VDIF
∆VO LINE
∆VO LOAD
mV/ºC
∆VO/∆T
RREJ
Iq
IS1
VC, IH
VC, IL
IC, IH
IC, IL
Ripple Rejection
Overcurrent Protection Starting
Current
Control Voltage
Control Current
Line Regulation
Load Regulation
*
3
*
4
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
(Ta = 25ºC)
DC Input Voltage
Output Control Terminal Voltage
Output Current
Power Dissipation
Junction Temperature
Operating Temperature
Storage Temperature
Junction to Case Thermal
Resistance
Junction to Ambient-Air Thermal
Resistance
VIN
VC
IO
PD1
PD2
Tj
TOP
Tstg
j
-c
j
-a
V
With infinite heatsink
Stand-alone without heatsink
Stand-alone without heatsink
V
A
W
W
ºC
ºC
ºC
ºC/W
ºC/W
35
VIN
1.0
18
1.5
– 40 to +125
– 40 to +100
– 40 to +125
5.5
66.7
*
1
Equivalent Circuit Diagram
Standard Circuit Diagram
Features
q Output current of 1.0A
q 5-terminal type <output on/off control, variable output voltage (rise only)>
q Voltage accuracy of
±2%
q Low dropout voltage 1V at IO
1.0A,
0.5V at IO
0.4A
q Built-in overcurrent, overvoltage and thermal protection circuits
q Withstands external electromagnetic noises
q TO-220 equivalent full-mold package
External Dimensions (unit: mm)
6
a
b
123
4
5
10.0±
0.2
3.2±
0.2
0.95±
0.15
0.85 0.1
P1.7±
0.7• 4=6.8±0.7
4.2±0.2
2.8±0.2
2.6±0.1
3.9±0.7
8.2±0.7
0.45
0.1
+0.2
(4.3)
+0.2
1. GND
2. VC (on/off)
3. Vo
4. Vosense
5. VIN
a: Type No.
b: Lot No.
(Forming No. 1101)
D
V
DC input
DC output
V
C
1
O
O
IN
53
1
SI-3001S
24
C1
C2
OPEN
GND
1
2
5
3
4
VO
VO sense
R3
R4
MIC
Tr1
R1
R2
VIN
Vc
(on/off)
+
+
Dropper Type Regulator with Output On/Off Control
SI-3001S
Notes:
*1. Since PD(max) =( VIN –VO)• IO = 18( W ), VIN(max) and IO(max) may be limited depending on operating
conditions. Refer to the Ta -PD curve to compute the corresponding values.
*2. Refer to the dropout voltage.
*3. IS1 rating shall be the point at which the output voltage VO (VIN = 14V, Io = 0.4A) drops to – 5%.
*4. The output control terminal Vc is pulled up inside the IC. Each input level can be directly driven with
LS-TTL ICs. Thus, LS-TTL direct driving is also possible.
a : Pre-regulator
b : Output ON/OFF control
c : Thermal protection
d : Over-input and overcurrent protection
e : Drive circuit
f : Error amplifier
g : Reference voltage
a
b
c
d
e
f
g
Co :
Output capacitor (47 to 100
µF, 50V)
C1, C2 : Anti-oscillation capacitors (C1: approx. 47
µF, C2: approx.
0.33
µF). These are required for inductive input lines or
long wiring. Tantalum capacitors are recommended for C1
and Co, especially at low temperatures.
D1 :
Protection diode. Required as protection against reverse
biasing between input and output.
(Recommended diode: Sanken EU2Z.)


Similar Part No. - SI-3001S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3001S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3102S SANKEN-SI-3102S Datasheet
32Kb / 2P
   Dropper Type Dual Output Regulator
SI-3101S SANKEN-SI-3101S Datasheet
34Kb / 2P
   Dropper Type Dual Output Regulator
logo
Sharp Corporation
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
   Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
logo
Sanken electric
SI-3011S SANKEN-SI-3011S Datasheet
35Kb / 3P
   Dropper Type Regulator with Reset Function
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
   200mA Negative Voltage Regulator with ON/OFF Control
logo
New Japan Radio
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com