Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75342-3223 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75342-3223
Description  1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits, 1.27關m (50關) Gold (Au), Lead Free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75342-3223 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75342-3223 Datasheet HTML 1Page - Molex Electronics Ltd. 75342-3223 Datasheet HTML 2Page - Molex Electronics Ltd. 75342-3223 Datasheet HTML 3Page - Molex Electronics Ltd. 75342-3223 Datasheet HTML 4Page - Molex Electronics Ltd. 75342-3223 Datasheet HTML 5Page - Molex Electronics Ltd. 75342-3223 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0753423223
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX® Backplane Connector System,
Power Module, 16 Circuits, 1.27µm (50µ") Gold (Au), Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75221-999 (PDF)
General
Product Family
Backplane Connectors
Series
75342
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Blade Length A 6.00mm, B 4.50mm, C 4.50mm, D
6.00mm
Component Type
Power Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
16
Circuits (maximum)
16
Circuits Detail
Rows A, B, C & D
Color - Resin
Gray
Durability (mating cycles max)
200
First Mate / Last Break
Yes
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
4
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.090 In
PC Tail Length (mm)
2.28 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.177 In
Pitch - Mating Interface (mm)
4.50 mm
Pitch - Term. Interface (in)
0.102 In
Pitch - Term. Interface (mm)
2.60 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75342Series
Mates With
75292 GbX® Daughtercard
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Insertion Module,
GbX® 4 pair 2 - Up
Power Module
0622022060


Similar Part No. - 75342-3223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75342-5535 MOLEX9-75342-5535 Datasheet
319Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits
75342-6777 MOLEX9-75342-6777 Datasheet
316Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits, 1.27關m (50關) Gold (Au)
75342-7676 MOLEX9-75342-7676 Datasheet
316Kb / 6P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX짰 Backplane Connector SystemPower Module, 16 Circuits, 1.27關m (50關") Gold (Au)
75342-7766 MOLEX9-75342-7766 Datasheet
316Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits, 1.27關m (50關) Gold (Au)
75342-7777 MOLEX9-75342-7777 Datasheet
316Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair, GbX짰 Backplane Connector System, Power Module, 2-Up Assembly, 16 Circuits, 1.27關m (50關) Gold (Au)
More results

Similar Description - 75342-3223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0753426777 MOLEX9-0753426777 Datasheet
316Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits, 1.27關m (50關) Gold (Au)
0753427766 MOLEX9-0753427766 Datasheet
316Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits, 1.27關m (50關) Gold (Au)
0753415535 MOLEX9-0753415535 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0754921055 MOLEX9-0754921055 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0754921022 MOLEX9-0754921022 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0754921033 MOLEX9-0754921033 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0753413223 MOLEX9-0753413223 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0753413355 MOLEX9-0753413355 Datasheet
516Kb / 10P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0754921023 MOLEX9-0754921023 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關") Gold (Au), Lead Free
0753415533 MOLEX9-0753415533 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au), Lead Free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com