Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85505-5113 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 85505-5113
Description  Modular Jack, Right Angle, Low Profile, Fully Shielded, 8/8, Cat5e, Through Hole, Version A, Tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

85505-5113 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  85505-5113 Datasheet HTML 1Page - Molex Electronics Ltd. 85505-5113 Datasheet HTML 2Page - Molex Electronics Ltd. 85505-5113 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
No
Shielded
Yes
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-95122-006
Product Specification
PS-85505-101
Sales Drawing
SD-85505-106
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 85505-5113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85505-5002 MOLEX9-85505-5002 Datasheet
121Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, Through Hole, Version A, Tape and Reel
85505-5014 MOLEX9-85505-5014 Datasheet
137Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, With Shield Spring, Tube
More results

Similar Description - 85505-5113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855055002 MOLEX1-0855055002_18 Datasheet
36Kb / 2P
   Modular Jack, Cat5e, Right Angle, Low Profile, Through Hole, 8/8, Shielded, Version A
0855055113 MOLEX1-0855055113_18 Datasheet
35Kb / 2P
   Modular Jack, Cat5e, Right Angle, Through Hole, 8/8, Low Profile, Shielded, Version A
0855055002 MOLEX9-0855055002 Datasheet
121Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, Through Hole, Version A, Tape and Reel
0855045001 MOLEX1-0855045001_18 Datasheet
32Kb / 2P
   Modular Jack, Cat5e, Right Angle, Through Hole, 8/8, Low Profile, Int. Shielded, Tray
0855055014 MOLEX9-0855055014 Datasheet
137Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, With Shield Spring, Tube
0855437003 MOLEX1-0855437003 Datasheet
34Kb / 2P
   Modular Jack, Cat5e, Right Angle, Through Hole, 8/8, Shielded, Spring, 13" Reel
0956223882 MOLEX11-0956223882 Datasheet
113Kb / 3P
   Modular Jack,Right Angle,Throught Hole Version,LCP,Fully Shielded,8 ckt
0956223981 MOLEX11-0956223981 Datasheet
120Kb / 3P
   Modular Jack,Right Angle,Throught Hole Version,LCP,Fully Shielded,8 ckt
0956224881 MOLEX11-0956224881 Datasheet
127Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0956224883 MOLEX11-0956224883 Datasheet
109Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com