Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0751961011 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0751961011
Description  2.00mm (.079) Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 60 Circuits, Pin Length 4.75mm (.187)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0751961011 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0751961011 Datasheet HTML 1Page - Molex Electronics Ltd. 0751961011 Datasheet HTML 2Page - Molex Electronics Ltd. 0751961011 Datasheet HTML 3Page - Molex Electronics Ltd. 0751961011 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
75
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-74031-999
Sales Drawing
SD-75196-001
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
6 Row by 10 Wide,
20.00mm (.787")
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0751961011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751961012 MOLEX9-0751961012 Datasheet
311Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 60 Circuits, Pin Length 6.25mm (.246")
0751961013 MOLEX9-0751961013 Datasheet
311Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield EndVersion, 6 Row, 60 Circuits, Pin Length 4.25mm (.167")
0751961014 MOLEX9-0751961014 Datasheet
311Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM Lite Backplane Header, Right Shield End Version, 6 Row
More results

Similar Description - 0751961011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751951011 MOLEX9-0751951011 Datasheet
296Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM짰 Lite Backplane Header, Left Shield End Version, 6 Row, 60 Circuits, Pin Length 4.75mm (.187)
0751962501 MOLEX9-0751962501 Datasheet
311Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 150 Circuits, Pin Length 4.75mm (.187)
0751952501 MOLEX9-0751952501 Datasheet
296Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM짰 Lite Backplane Header, Left Shield End Version, 6 Row, 150 Circuits, Pin Length 4.75mm (.187)
0751969001 MOLEX9-0751969001 Datasheet
363Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield EndVersion, 6 Row, 60 Circuits, Pin Length 4.75mm (.187")
0751961002 MOLEX9-0751961002 Datasheet
311Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 60 Circuits
0751961012 MOLEX9-0751961012 Datasheet
311Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 60 Circuits, Pin Length 6.25mm (.246")
0751969002 MOLEX9-0751969002 Datasheet
314Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 60 Circuits, Pin Length 6.25mm (.246)
0751961004 MOLEX9-0751961004 Datasheet
307Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 60 Circuits, Pin Length 5.15mm (.203)
0751951001 MOLEX9-0751951001 Datasheet
285Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM짰 Lite Backplane Header, Left Shield End Version, 6 Row, 60 Circuits
0751962512 MOLEX9-0751962512 Datasheet
311Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM짰 Lite Backplane Header, Right Shield End Version, 6 Row, 150 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com