Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87607-1001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87607-1001
Description  6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) DPS Receptacle, Through Hole, Right Angle, with Beveled Metal Pins
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87607-1001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87607-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 87607-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 87607-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 87607-1001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876071001
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus™
(SSI) DPS Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 26
Circuits, Power Beta 1, Signal 24, Power Alpha 1, Lead-free
Documents:
3D Model
Product Specification PS-87606-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
87607
Application
Board-to-Board
Comments
Standard Power Blade Position: A1, B1
Overview
extreme_powerplus_ssi
Product Name
EXTreme PowerPlus™
Physical
Circuits (Loaded)
26
Circuits Detail
Power Beta 1, Signal 24, Power Alpha 1
Color - Resin
Black
Durability (mating cycles max)
100
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
High Performance Alloy (HPA), Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.137 In
PC Tail Length (mm)
3.49 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A, 30A
Voltage - Maximum
50V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87607Series
Mates With
87606 EXTreme PowerPlus™ (SSI) DPS
Header


Similar Part No. - 87607-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87607-1011 MOLEX9-87607-1011 Datasheet
165Kb / 4P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??SSI) DPS Receptacle, Through Hole, Right Angle, Screw Mount, 26 Circuits, Power
More results

Similar Description - 87607-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876951001 MOLEX9-0876951001 Datasheet
239Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus (SSI) DPS Receptacle
0876682004 MOLEX9-0876682004 Datasheet
203Kb / 4P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??SPb Receptacle, Through Hole, Right Angle, Beveled Metal Pins
0876061001 MOLEX9-0876061001 Datasheet
247Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) DPS Header
0876062002 MOLEX9-0876062002 Datasheet
247Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) DPS Header
0876870001 MOLEX9-0876870001 Datasheet
196Kb / 4P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??DPS P-S-P Receptacle, Through Hole, Vertical, with Beveled Metal Pins, 26 Circuits
0876071011 MOLEX9-0876071011 Datasheet
165Kb / 4P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??SSI) DPS Receptacle, Through Hole, Right Angle, Screw Mount, 26 Circuits, Power
0876951007 MOLEX9-0876951007 Datasheet
239Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) DPS Receptacle, Press-fit, Vertical
0876323020 MOLEX9-0876323020 Datasheet
298Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 16 Circuits
0876323013 MOLEX9-0876323013 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 42 Circuits
0876323011 MOLEX9-0876323011 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 18 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com