Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85563-5003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 85563-5003
Description  Modular Jack, Top Entry, Through Hole Intelligent Shunted, LCP 6/6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

85563-5003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  85563-5003 Datasheet HTML 1Page - Molex Electronics Ltd. 85563-5003 Datasheet HTML 2Page - Molex Electronics Ltd. 85563-5003 Datasheet HTML 3Page - Molex Electronics Ltd. 85563-5003 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0855635003
Status:
Active
Overview:
magnetic_modular_jacks
Description:
Modular Jack, Top Entry, Through Hole Intelligent Shunted, LCP 6/6
Documents:
3D Model
Product Specification PS-85563-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Modular Jacks/Plugs
Series
85563
Comments
Top Entry
Component Type
PCB Jack
Magnetic
Yes
Overview
magnetic_modular_jacks
Performance Category
3
Power over Ethernet (PoE)
Non-PoE
Product Name
N/A
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Inverted / Top Latch
No
Keying to Mating Part
N/A
Lightpipes/LEDs
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Vertical (Top Entry)
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
N/A
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
6/6
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85563Series
Mates With
FCC 68 Plugs 90075


Similar Part No. - 85563-5003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85563-5004 MOLEX9-85563-5004 Datasheet
153Kb / 4P
   Modular Jack, Top Entry, Through Hole Intelligent Shunted, LCP 8/8
More results

Similar Description - 85563-5003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855635004 MOLEX9-0855635004 Datasheet
153Kb / 4P
   Modular Jack, Top Entry, Through Hole Intelligent Shunted, LCP 8/8
0955032661 MOLEX1-0955032661_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole,6/6, No Key Version, Tray
0955022663 MOLEX11-0955022663 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/6 Circuits
0955027663 MOLEX1-0955027663 Datasheet
42Kb / 2P
   Modular Jack, Vertical, Bottom Entry, Through Hole, 6/6, Tray
0955222667 MOLEX1-0955222667_18 Datasheet
29Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/6, High Profile, with Ribs, Tray
0955222661 MOLEX1-0955222661 Datasheet
29Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/6, High Profile, no Ribs, Tray
0955517677 MOLEX1-0955517677 Datasheet
32Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/6, High Profile, Keyed Jack with Ribs, Tube
0955517667 MOLEX1-0955517667 Datasheet
32Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/6, High Profile, Keyed Jack with Ribs, Tray
0955512677 MOLEX11-0955512677 Datasheet
132Kb / 3P
   Modular Jack, High Profile Top Entry Shunted Jack with Ribs, Tube
0955512667 MOLEX11-0955512667 Datasheet
133Kb / 3P
   Modular Jack, High Profile Top Entry Shunted Jack with Ribs, Tray
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com