Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3157F Datasheet(PDF) 4 Page - Sanken electric

Part # SI-3157F
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3157F Datasheet(HTML) 4 Page - Sanken electric

  SI-3157F Datasheet HTML 1Page - Sanken electric SI-3157F Datasheet HTML 2Page - Sanken electric SI-3157F Datasheet HTML 3Page - Sanken electric SI-3157F Datasheet HTML 4Page - Sanken electric SI-3157F Datasheet HTML 5Page - Sanken electric SI-3157F Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
36
C0
: Output capacitor (47 to 100
µF)
*1 C1
: Oscillation prevention capacitor
C2
(C1: Approx. 47
µF, C2: 0.33µF)
These capacitors are required if the input line is inductive
and in the case of long wiring. Tantalum capacitors are rec-
ommended for C1 and C0, particularly at low temperatures.
*2 D1
: Protection diode
This diode is required for protection against reverse bias-
ing of the input and output. Sanken EU2Z is recommended.
*3 R1
: External resistor for setting output voltage
R2
Relationship between output voltage VO and external re-
sistors R1 and R2 is as follows.
VO=VREF• 1+
R1
(VREF=2.55V(typ.))
R2
R2 must be 2.55k
Ω for stable operation.
sBlock Diagram
SI-3000F
SI-3025F
sTa-PD Characteristics
sStandard External Circuit
SI-3025F
SI-3000F
PD=IO•[VIN(mean)–VO]
1
2
5
3
4
MIC
Tr1
Equivalent
to LS-TTL
1
2
5
3
4
MIC
Tr1
Equivalent
to LS-TTL
D1
C0
C2
C1
DC Input
VIN
DC Output
VO
5
SI-3000F
OPEN
2
3
4
1
*1
*2
++
D1
C0
R1
R2
C2
C1
DC Input
VIN
DC Output
VO
5
OPEN
2
3
4
1
SI-3025F
*1
*3
*3
*2
++
qSI-3000F Series
15
10
5
0
–30
025
50
Ambient Temperature Ta (
°C)
75
100
200
×
200
×
2mm
(2.3
°C/W)
100
×100
×2mm
(5.2
°C/W)
75×
75×
2mm
(7.6
°C/W)
Infinite heatsink
Without heatsink
With Silicon Grease
Heatsink: Aluminum


Similar Part No. - SI-3157F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3157F SANKEN-SI-3157F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3157F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com