Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0782850001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0782850001
Description  1.27mm (.050) Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without with flanged tabbed housing, 16 circuits, Tray, Lead-free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0782850001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0782850001 Datasheet HTML 1Page - Molex Electronics Ltd. 0782850001 Datasheet HTML 2Page - Molex Electronics Ltd. 0782850001 Datasheet HTML 3Page - Molex Electronics Ltd. 0782850001 Datasheet HTML 4Page - Molex Electronics Ltd. 0782850001 Datasheet HTML 5Page - Molex Electronics Ltd. 0782850001 Datasheet HTML 6Page - Molex Electronics Ltd. 0782850001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image


Similar Part No. - 0782850001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782830001 MOLEX9-0782830001 Datasheet
364Kb / 7P
   1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
More results

Similar Description - 0782850001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782830001 MOLEX9-0782830001 Datasheet
364Kb / 7P
   1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
0783200001 MOLEX9-0783200001 Datasheet
371Kb / 7P
   1.27mm (.050) Pitch High Speed Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, SMT, Right Angle, Top Mount, 16 Circuits, Tray, Lead free
0784480011 MOLEX9-0784480011 Datasheet
426Kb / 8P
   1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tray Packaging, Lead-free
0781090001 MOLEX9-0781090001 Datasheet
429Kb / 8P
   1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 16 Circuits, Lead free
0877030001 MOLEX9-0877030001 Datasheet
322Kb / 6P
   1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tray Packaging
0781091001 MOLEX9-0781091001 Datasheet
599Kb / 9P
   1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 14 Circuits, Lead free
0674921441 MOLEX7-0674921441 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.90mm (.232"), Gold (Au) Flash Plating, 22 Circuits, without Cap, Tray, Lead free
0877030067 MOLEX9-0877030067 Datasheet
321Kb / 6P
   1.27mm (.050) Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
0674929220 MOLEX7-0674929220 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674921320 MOLEX7-0674921320 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), Gold (Au) Flash, 22 Circuits, Tray Packaging, Lead Free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com