Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75827-2204 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75827-2204
Description  1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75827-2204 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75827-2204 Datasheet HTML 1Page - Molex Electronics Ltd. 75827-2204 Datasheet HTML 2Page - Molex Electronics Ltd. 75827-2204 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Plating min: Termination (µm)
0.76
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
8.0 Gbps
Real Signals (per 25mm)
54
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-5058
Product Specification
PS-75221-999
Sales Drawing
SD-75827-210
GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 75827-2204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75827-2204 MOLEX-75827-2204 Datasheet
318Kb / 3P
   1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
More results

Similar Description - 75827-2204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0758272144 MOLEX9-0758272144 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0752372104 MOLEX9-0752372104 Datasheet
284Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0758272114 MOLEX9-0758272114 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0758274204 MOLEX9-0758274204 Datasheet
215Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0754332204 MOLEX9-0754332204 Datasheet
241Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Left Guide Header, 150 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0758270204 MOLEX9-0758270204 Datasheet
184Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Open Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0752352104 MOLEX9-0752352104 Datasheet
256Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Left Guide Header, 80 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0752374114 MOLEX9-0752374114 Datasheet
290Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 5-Pair GbX짰 Backplane Connector SystemRight Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
0758272154 MOLEX9-0758272154 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX짰 Backplane Connector System,Right Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
0758274104 MOLEX9-0758274104 Datasheet
215Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com