Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0761348502 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0761348502
Description  VHDM짰 H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch, Vertical, 8-Row, Open Signal Module, 200 Circuits, Advance Mate Shield
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0761348502 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0761348502 Datasheet HTML 1Page - Molex Electronics Ltd. 0761348502 Datasheet HTML 2Page - Molex Electronics Ltd. 0761348502 Datasheet HTML 3Page - Molex Electronics Ltd. 0761348502 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3A
Data Rate
2.5 Gbps
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74060-003
Product Specification
PS-74031-999
Sales Drawing
SD-76134-001
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM® Insertion
Module for Standard
Shield Signal
Header, 8 Row by
25 Wide, 50.00mm
(1.97")
0622020210
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0761348502

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761348501 MOLEX9-0761348501 Datasheet
320Kb / 4P
   2.00mm (.079) Pitch VHDM짰 H Board-to-Board Backplane Header, Vertical, 8-Row, Signal Module, Open End Version, 200 Circuits, Pin Length 4.75mm (.187), Lead Free
More results

Similar Description - 0761348502

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761341002 MOLEX9-0761341002 Datasheet
318Kb / 4P
   VHDM짰 H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch, Vertical, 8-Row, Open Signal Module, 80 Circuits, Advance Mate Shield
0761349002 MOLEX9-0761349002 Datasheet
321Kb / 4P
   VHDM짰 H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch Vertical, 8-Row, Open Signal Module, 80 Circuits, Advance Mate Shield
0740609006 MOLEX8-0740609006 Datasheet
291Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 80 Circuits, Advance Mate Shield, Pin Length 4.75mm (.187")
0761342501 MOLEX9-0761342501 Datasheet
317Kb / 4P
   2.00mm (.079) Pitch VHDM짰 H Board-to-Board Backplane Header, Vertical, 8-Row, Signal Module, Open End Version, 200 Circuits
0740609004 MOLEX8-0740609004 Datasheet
293Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowOpen Signal Module, 80 Circuits, Advance Mate Shield, Pin Length 5.15mm (.203")
0740572601 MOLEX8-0740572601 Datasheet
501Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 150 Circuits, Advance Mate Shield, Pin Length 4.75mm (.187")
0761358501 MOLEX9-0761358501 Datasheet
414Kb / 4P
   2.00mm (.079") Pitch VHDM짰 H Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin, Signal End Module, Open End Version, 200 Circuits
0740602503 MOLEX8-0740602503 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 200 Circuits, Pin Length 4.25mm (.167")
0761352501 MOLEX9-0761352501 Datasheet
411Kb / 4P
   2.00mm (.079) Pitch VHDM짰 H Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin, Signal End Module, Open End Version, 200 Circuits
0740602506 MOLEX8-0740602506 Datasheet
282Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 200 Circuits, Pin Length 4.75mm (.187")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com