Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0872631023 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0872631023
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 10 Circuits, without Pick-and-Place Cap, Tube, Leadfree
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0872631023 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0872631023 Datasheet HTML 1Page - Molex Electronics Ltd. 0872631023 Datasheet HTML 2Page - Molex Electronics Ltd. 0872631023 Datasheet HTML 3Page - Molex Electronics Ltd. 0872631023 Datasheet HTML 4Page - Molex Electronics Ltd. 0872631023 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0872631023
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Surface Mount, Bottom Entry, 0.38µm
(15µ") Gold (Au) Selective, 10 Circuits, without Pick-and-Place Cap, Tube, Leadfree
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
87263
Application
Board-to-Board
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
10
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Bottom Entry
PCB Locator
Yes
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Polarized to Mating Part
No
Polarized to PCB
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
14
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
265
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87263Series
Mates With
87759 Vertical, Surface Mount, Stackable
PCB Headers, 87760 Right Angle, Through
Hole, Stackable PCB Headers, 87758
Vertical, Through Hole, Stackable PCB
Headers


Similar Part No. - 0872631023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872631025 MOLEX9-0872631025 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.76關m (30關) Gold (Au) Selective, 10 Circuits, without Pick-and-Place Cap, Tube, Leadfree
More results

Similar Description - 0872631023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872633423 MOLEX9-0872633423 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 34 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872632023 MOLEX9-0872632023 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 20 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872633223 MOLEX9-0872633223 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 32 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872634423 MOLEX9-0872634423 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 44 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872633023 MOLEX9-0872633023 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 30 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872632223 MOLEX9-0872632223 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 22 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872632423 MOLEX9-0872632423 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 24 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872634023 MOLEX9-0872634023 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 40 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872634223 MOLEX9-0872634223 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 42 Circuits, without Pick-and-Place Cap, Tube, Leadfree
0872633623 MOLEX9-0872633623 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 36 Circuits, without Pick-and-Place Cap, Tube, Leadfree
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com