Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-7502 Datasheet(PDF) 5 Page - Sanken electric

Part # SI-7502
Description  5-Phase Stepper Motor Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7502 Datasheet(HTML) 5 Page - Sanken electric

  SI-7502 Datasheet HTML 1Page - Sanken electric SI-7502 Datasheet HTML 2Page - Sanken electric SI-7502 Datasheet HTML 3Page - Sanken electric SI-7502 Datasheet HTML 4Page - Sanken electric SI-7502 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
108
SI-7502 (SLA5011/SLA6503)
SI-7502 (SLA5011/SLA6503)
5-Phase Stepper Motor Driver ICs (Pentagon Connection)
−40
0
50
100
150 (
°C)
15
10
5
0
Ambient temperature Ta
(W)
50×
50×
2 mm
AI
FIN
N0
FIN
Fig. E SLA5011/SLA6503 Derating curve
sMotor Connection
The 5-phase stepper motor supports various driving systems
and the motor connection varies depending on the driving sys-
tem used.
Use of the motor with some driving systems may be restricted
by patents. Therefore, be sure to ask the motor manufacturer
about the motor connection and driving system to be used.
sThermal design
The driver (SLA5011/SLA6503) dissipation varies depending on
a driving system used even if the output currents (control cur-
rent) are the same. Therefore, measure the temperature rise of
the driver under the actual operating conditions to determine
the size of the heatsink.
Figure E shows an SLA5011/SLA6503 derating curve. This de-
rating curve indicates Tj=150
°C; however, when using this de-
vice, allow sufficient margin when selecting a heatsink so that
TC
≤100°C (AI FIN temperature on the back of the SLA) is ob-
tained.
Substances that can dissolve
the package
Substances that can weaken
the package
SI-7502
sHandling Precautions
Refer to the product specifications.
Solvents- Do not use the following solvents:
Chlorine-based solvents: Trichloroethylene, Trichloroethane, etc.
Aromatic hydrogen compounds: Benzene, Toluene, Xylene, etc.
Keton and Acetone group solvents
Gasoline, Benzine, Kerosene, etc.


Similar Part No. - SI-7502

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7500 SANKEN-SI-7500 Datasheet
52Kb / 4P
   5-phase Stepper Motor Star Connection Unipolar Driver IC
SI-7500A SANKEN-SI-7500A Datasheet
52Kb / 4P
   5-phase Stepper Motor Star Connection Unipolar Driver IC
More results

Similar Description - SI-7502

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
   3-Phase Stepper Motor Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1361F SHINDENGEN-MTD1361F Datasheet
92Kb / 4P
   Stepper Motor Driver ICs
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SPF7211 SANKEN-SPF7211 Datasheet
44Kb / 2P
   2-ph Stepper-motor Driver ICs
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com