Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850037029 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0850037029
Description  2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850037029 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0850037029 Datasheet HTML 1Page - Molex Electronics Ltd. 0850037029 Datasheet HTML 2Page - Molex Electronics Ltd. 0850037029 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
32
Plating min: Mating (µm)
0.80
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-85003-001
Product Specification
PS-85003-0001
Sales Drawing
SD-85003-7029
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0850037029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850037005 MOLEX9-0850037005 Datasheet
80Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.30關m (12關) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips
0850037017 MOLEX9-0850037017 Datasheet
71Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
0850037031 MOLEX9-0850037031 Datasheet
70Kb / 3P
   2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole
0850037043 MOLEX9-0850037043 Datasheet
68Kb / 3P
   2.54mm (.100") Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole,0.80關m (32關") Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips, No FluxProof, High Temperature version
0850037055 MOLEX9-0850037055 Datasheet
70Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 1.27關m (50關) Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips
More results

Similar Description - 0850037029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850039036 MOLEX9-0850039036 Datasheet
193Kb / 4P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
0850032921 MOLEX9-0850032921 Datasheet
82Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips
0850037093 MOLEX9-0850037093 Datasheet
193Kb / 4P
   2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 48 Circuits, with Mounting Clips
0850039027 MOLEX9-0850039027 Datasheet
75Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 16 Circuits, without Mounting Clips
0850032737 MOLEX9-0850032737 Datasheet
60Kb / 3P
   2.54mm (.100") Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80關m (32關") Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips
0850032426 MOLEX9-0850032426 Datasheet
69Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips
0850039018 MOLEX9-0850039018 Datasheet
84Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
0850039002 MOLEX9-0850039002 Datasheet
191Kb / 4P
   2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips
0850033108 MOLEX9-0850033108 Datasheet
71Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80關m (32關) Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips
0850039004 MOLEX9-0850039004 Datasheet
81Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關) Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com