Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75730-0211 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75730-0211
Description  4.00mm (.157) EXTreme MicroPower??Header, 11 Circuits, 3.81mm (.150) Tail Length
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75730-0211 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75730-0211 Datasheet HTML 1Page - Molex Electronics Ltd. 75730-0211 Datasheet HTML 2Page - Molex Electronics Ltd. 75730-0211 Datasheet HTML 3Page - Molex Electronics Ltd. 75730-0211 Datasheet HTML 4Page - Molex Electronics Ltd. 75730-0211 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-75730-118
Product Specification
PS-75730-999
Sales Drawing
SD-75730-118
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 75730-0211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75730-0213 MOLEX9-75730-0213 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower Header, 13 Circuits, 3.81mm (.150") Tail Length
75730-0215 MOLEX9-75730-0215 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 15 Circuits, 3.81mm (.150) Tail Length
75730-0217 MOLEX9-75730-0217 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower??Header, 17 Circuits
75730-0219 MOLEX9-75730-0219 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower??Header, 19 Circuits, 3.81mm (.150") Tail Length
More results

Similar Description - 75730-0211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757300213 MOLEX9-0757300213 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower Header, 13 Circuits, 3.81mm (.150") Tail Length
0757300223 MOLEX9-0757300223 Datasheet
555Kb / 6P
   4.00mm (.157") EXTreme MicroPower??Header, 23 Circuits, 3.81mm (.150") Tail Length
0757300215 MOLEX9-0757300215 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 15 Circuits, 3.81mm (.150) Tail Length
0757300219 MOLEX9-0757300219 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower??Header, 19 Circuits, 3.81mm (.150") Tail Length
0757300205 MOLEX9-0757300205 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 5 Circuits, 3.81mm (.150) Tail Length
0757300111 MOLEX9-0757300111 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower Header, 11 Circuits, 3.06mm (.120") Tail Length
0757300121 MOLEX9-0757300121 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 21 Circuits, 3.06mm (.120) Tail Length
0757300105 MOLEX9-0757300105 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 5 Circuits, 3.06mm (.120) Tail Length
0757300123 MOLEX9-0757300123 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 23 Circuits, 3.06mm (.120) Tail Length
0757300115 MOLEX9-0757300115 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 15 Circuits, 3.06mm (.120) Tail Length
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com