Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75199-1013 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75199-1013
Description  2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 80 Circuits, Pin Length 4.25mm (.167)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75199-1013 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75199-1013 Datasheet HTML 1Page - Molex Electronics Ltd. 75199-1013 Datasheet HTML 2Page - Molex Electronics Ltd. 75199-1013 Datasheet HTML 3Page - Molex Electronics Ltd. 75199-1013 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0751991013
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 8-Row VHDM® Lite Backplane Header, Guide Pin Signal Module,
Shield End Version, 80 Circuits, Pin Length 4.25mm (.167")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-74031-999 (PDF)
General
Product Family
Backplane Connectors
Series
75199
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Keying Position A
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM Lite®
Style
N/A
Physical
Circuits (Loaded)
80
Circuits (maximum)
80
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA), Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
10
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PCB Retention
Yes
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75199Series
Mates With
75191 VHDM® Lite-Series Board-to-Board
Daughtercard
Use With
Daughtercard Modules
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM® Insertion
Module for Standard
Shield Signal
Header, 8 Row by
0622020209


Similar Part No. - 75199-1013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75199-1012 MOLEX9-75199-1012 Datasheet
328Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 80 Circuits, Pin Length 6.25mm (.246)
75199-1014 MOLEX9-75199-1014 Datasheet
328Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM Lite Backplane Header, Guide Pin Signal Module, Shield End Version
More results

Similar Description - 75199-1013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751981003 MOLEX9-0751981003 Datasheet
323Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 4.25mm (.167)
0751992513 MOLEX9-0751992513 Datasheet
327Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 200 Circuits, Pin Length 4.25mm (.167)
0751982513 MOLEX9-0751982513 Datasheet
323Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 200 Circuits, Pin Length 4.25mm (.167)
0751991012 MOLEX9-0751991012 Datasheet
328Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 80 Circuits, Pin Length 6.25mm (.246)
0751991002 MOLEX9-0751991002 Datasheet
328Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 80 Circuits, Pin Length 6.25mm (.246)
0751991004 MOLEX9-0751991004 Datasheet
328Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 80 Circuits, Pin Length 5.15mm (.203)
0751991001 MOLEX9-0751991001 Datasheet
328Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 80 Circuits, Pin Length 4.75mm (.187)
0740611013 MOLEX8-0740611013 Datasheet
510Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 4.25mm (.167")
0746512503 MOLEX8-0746512503 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 150 Circuits, Pin Length 4.25mm (.167")
0751981011 MOLEX9-0751981011 Datasheet
323Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 4.75mm (.187)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com