Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0749525907 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0749525907
Description  2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0749525907 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0749525907 Datasheet HTML 1Page - Molex Electronics Ltd. 0749525907 Datasheet HTML 2Page - Molex Electronics Ltd. 0749525907 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0749525907
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 5-Row VHDM-HSD™ Backplane Header, Polarizing Pin Module,
Code Key G, 40 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-74031-999 (PDF)
General
Product Family
Backplane Connectors
Series
74952
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Position G, PCB Thickness 4.00mm (.157") to 9.00mm
(.354")
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
N/A
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Stainless Steel
Number of Columns
6
Number of Pairs
Open Pin Field
Number of Rows
0
Orientation
Vertical
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.071 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
N/A
Electrical
Current - Maximum per Contact
N/A
Data Rate
5.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-74031-999
Sales Drawing
SD-74952-002
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74952Series


Similar Part No. - 0749525907

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749525901 MOLEX9-0749525901 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key A, 40 Circuits
0749525902 MOLEX9-0749525902 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key B, 40 Circuits
0749525903 MOLEX9-0749525903 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module,Code Key C, 40 Circuits
0749525904 MOLEX9-0749525904 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key D, 40 Circuits
0749525905 MOLEX9-0749525905 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key E, 40 Circuits
More results

Similar Description - 0749525907

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749598907 MOLEX9-0749598907 Datasheet
276Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
0749525007 MOLEX9-0749525007 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
0750885007 MOLEX9-0750885007 Datasheet
114Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key G, 40 Circuits
0749525001 MOLEX9-0749525001 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key A, 40 Circuits
0750885002 MOLEX9-0750885002 Datasheet
114Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module Code Key B, 40 Circuits
0749525003 MOLEX9-0749525003 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Polarizing Pin Module, Code Key C, 40 Circuits
0750885005 MOLEX9-0750885005 Datasheet
114Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key E, 40 Circuits
0749525002 MOLEX9-0749525002 Datasheet
176Kb / 3P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Polarizing Pin Module, Code Key B, 40 Circuits
0749525904 MOLEX9-0749525904 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key D, 40 Circuits
0749525905 MOLEX9-0749525905 Datasheet
176Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key E, 40 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com