Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA3007M Datasheet(PDF) 7 Page - Sanken electric

Part # SLA3007M
Description  4-Output, Low Dropout Voltage Dropper Type for USB Hub
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA3007M Datasheet(HTML) 7 Page - Sanken electric

  SLA3007M Datasheet HTML 1Page - Sanken electric SLA3007M Datasheet HTML 2Page - Sanken electric SLA3007M Datasheet HTML 3Page - Sanken electric SLA3007M Datasheet HTML 4Page - Sanken electric SLA3007M Datasheet HTML 5Page - Sanken electric SLA3007M Datasheet HTML 6Page - Sanken electric SLA3007M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
qSLA3005M/3006M/3007M
3.32
3.30
3.28
3.26
3.24
3.22
3.20
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
VIN=5.5V
6V
7V
10V
ch4 only
6
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Output ON/OFF Control Voltage VC (V)
ch1~3
ch4
5
0
–5
–10
–15
–20
01234
Output ON/OFF Control Voltage VC (V)
Same for ch 1-4
VIN=5.5V
7V
10V
20V
6
5
4
3
2
1
0
0
20
60
100
140
180
Case Temperature (
°C)
VIN=7V
ch1~3
ch4
sTypical Characteristics
Load Regulation
ON/OFF Control Characteristics
VC Terminal Characteristics
Thermal Protection Characteristics
(Ta=25
°C)
SLA3007M


Similar Part No. - SLA3007M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
logo
Allegro MicroSystems
SLA3001M ALLEGRO-SLA3001M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SLA3002M SANKEN-SLA3002M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
logo
Allegro MicroSystems
SLA3002M ALLEGRO-SLA3002M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SLA3004M SANKEN-SLA3004M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
More results

Similar Description - SLA3007M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com