Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0791077072 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0791077072
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 46 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0791077072 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0791077072 Datasheet HTML 1Page - Molex Electronics Ltd. 0791077072 Datasheet HTML 2Page - Molex Electronics Ltd. 0791077072 Datasheet HTML 3Page - Molex Electronics Ltd. 0791077072 Datasheet HTML 4Page - Molex Electronics Ltd. 0791077072 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 0791077072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077072 MOLEX1-0791077072_17 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 3.00mm Tail
More results

Similar Description - 0791077072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077056 MOLEX9-0791077056 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating
0791077066 MOLEX9-0791077066 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 34 Circuits
0791077070 MOLEX9-0791077070 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 42 Circuits
0791077051 MOLEX9-0791077051 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 4 Circuits
0791077061 MOLEX9-0791077061 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 24 Circuits
0791077063 MOLEX9-0791077063 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 28 Circuits
0791077069 MOLEX9-0791077069 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 40 Circuits
0791077059 MOLEX9-0791077059 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 20 Circuits
0791077065 MOLEX9-0791077065 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 32 Circuits
0791077060 MOLEX9-0791077060 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 22 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com