Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0760460002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0760460002
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0760460002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0760460002 Datasheet HTML 1Page - Molex Electronics Ltd. 0760460002 Datasheet HTML 2Page - Molex Electronics Ltd. 0760460002 Datasheet HTML 3Page - Molex Electronics Ltd. 0760460002 Datasheet HTML 4Page - Molex Electronics Ltd. 0760460002 Datasheet HTML 5Page - Molex Electronics Ltd. 0760460002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0760460002
Status:
Active
Overview:
sfp_stacked_multiport_connectors
Description:
Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-4 Multi-Port Connector with 2
Inner Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
Documents:
3D Model
Product Specification PS-75310-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
76046
Application
Module-to-Board
Component Type
Receptacle
Overview
sfp_stacked_multiport_connectors
Product Name
SFP Plus
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
160
Circuits (maximum)
160
Circuits Detail
160
Color - Resin
Black, Clear (Blue Tint)
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Female
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic, Polycarbonate
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.081 In
PC Tail Length (mm)
2.07 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30.4
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76046Series
Use With
0759510999 SFP Dust Plug,
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
SFP Stacked Multi-
Port Insertion Tool, 2
by 4
0622029920
SFP Stacked Multi-
Port Extraction Tool,
2 by 4
0622029940


Similar Part No. - 0760460002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760460001 MOLEX9-0760460001 Datasheet
773Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
0760460003 MOLEX9-0760460003 Datasheet
773Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Outer Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
More results

Similar Description - 0760460002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760465002 MOLEX9-0760465002 Datasheet
776Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn) Tails
0760465002 MOLEX1-0760465002_17 Datasheet
48Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn) Tails
0760920002 MOLEX9-0760920002 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
0760460003 MOLEX9-0760460003 Datasheet
773Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Outer Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
0760480002 MOLEX9-0760480002 Datasheet
986Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 240 Circuits, Tin (Sn)/Lead(Pb) Tails
0760470002 MOLEX9-0760470002 Datasheet
903Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 200 Circuits, Tin (Sn)/Lead(Pb) Tails
0760440002 MOLEX9-0760440002 Datasheet
505Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 40 Circuits, Tin (Sn)/Lead (Pb) Tails
0760450001 MOLEX9-0760450001 Datasheet
616Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, EMI Metal Gasket, 80 Circuits, Tin (Sn)/Lead(Pb) Tails
0760925002 MOLEX1-0760925002_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
0760455002 MOLEX9-0760455002 Datasheet
619Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Inner Lightpipe Ports, EMI Metal Gasket, 80 Circuits, Tin (Sn) Tails
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com