Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75492-1025 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75492-1025
Description  1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75492-1025 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75492-1025 Datasheet HTML 1Page - Molex Electronics Ltd. 75492-1025 Datasheet HTML 2Page - Molex Electronics Ltd. 75492-1025 Datasheet HTML 3Page - Molex Electronics Ltd. 75492-1025 Datasheet HTML 4Page - Molex Electronics Ltd. 75492-1025 Datasheet HTML 5Page - Molex Electronics Ltd. 75492-1025 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0754921025
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX® Backplane Connector System,
Power Module, 4 Circuits, 1.27µm (50µ") Gold (Au), Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75221-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
75492
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Blade Length A 4.50mm, B 7.50mm
Component Type
Power Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Circuits Detail
Rows A & B
Color - Resin
Gray (Dark)
Durability (mating cycles max)
200
First Mate / Last Break
Yes
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
2
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.090 In
PC Tail Length (mm)
2.28 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.730 In
Pitch - Mating Interface (mm)
1.85 mm
Pitch - Term. Interface (in)
0.102 In
Pitch - Term. Interface (mm)
2.60 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75492Series
Mates With
75292 GbX® Daughtercard


Similar Part No. - 75492-1025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75492-1022 MOLEX9-75492-1022 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
75492-1023 MOLEX9-75492-1023 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關") Gold (Au), Lead Free
More results

Similar Description - 75492-1025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0754921055 MOLEX9-0754921055 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0754921022 MOLEX9-0754921022 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0754921033 MOLEX9-0754921033 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0754921023 MOLEX9-0754921023 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關") Gold (Au), Lead Free
0754921076 MOLEX9-0754921076 Datasheet
281Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au)
0754921047 MOLEX9-0754921047 Datasheet
281Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au)
0754921044 MOLEX9-0754921044 Datasheet
281Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au)
0753415535 MOLEX9-0753415535 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0753423223 MOLEX9-0753423223 Datasheet
319Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits, 1.27關m (50關) Gold (Au), Lead Free
0753413223 MOLEX9-0753413223 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au), Lead Free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com